Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-131-041500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 6-131-041500
Description  HIGH PERFORMANCE PRESSURE SENSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6-131-041500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  6-131-041500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6-131-041500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Specifications
Performance
Output Signal
4 - 20mADC
Accuracy L, R & H
±0.35%FSO (BFSL)
Zero Offset
±1.0%FSO
Long-term Stability
±0.50%FSO/Year
Compensated
Temperature
0°C to 85°C
(32°F to 185°F)
Temperature Effect
Zero: ±2.0% FSO
Operating
Input Power
8 - 30 VDC (@ 25mA Max)
Insulation Resistance 100 megohms @ 50 VDC
Reverse Polarity
Protected
Proof Pressure
150% of Rated Range
Burst Pressure
200% of Rated Range
Weight
72g (2.5oz)
Environmental
Max Operating
Temperature
-40°C to 125°C
(-40°F to 257°F)
EMI/RFI
10volts/meter up to 1.0GHz
Wetted Parts
316L SST
Vibration
15 G’s, 10-2000Hz
Shock
100 G’s for 11ms, Half-sine
Enclosure
NEMA 4 & 4X
Span: ±2.0% FSO
Life
100 MM Full Scale Cycles
Ordering Information
6 - 13 X - XX X X - XX
Instrument Family
6 = Micro-machined Silicon
Sensor Type
13 = Pressure Transmitter
Reference Pressure
0 = Absolute 1 = Vented Gage 2 = Sealed Gage
Pressure Ranges **
# Absolute & Vented Gage
* Sealed Gage Only
** Calibration in bars available, consult factory for details
Pressure Fittings
0 = MS33656-E4 Male
4 = 1/4-18 NPT, Female
1 = 7/16-20 Straight, Male
5 = 9/16-18 Straight, Male
2 = 1/4-18 NPT, Male
Flush Diaphragm
3 = 1/8-27 NPT, Male
Electrical Connections
0 = PT1H-10-6P
3 = 5-Wire Shielded
1 = 3-Wire Cable
4 = DIN43650 Form C
2 = PT1H-8-4P
5 = Hirschmann ELST 412
Custom Configurations
00 = No Custom Requirements
00 = 3 PSI #
08 = 100 PSI #
16 = 2000 PSI *
01 = 5 PSI #
09 = 150 PSI #
17 = 3000 PSI *
02 = 15 PSI #
10 = 200 PSI #
18 = 5000 PSI *
03 = 20 PSI #
11 = 250 PSI #
19 = 6000 PSI *
04 = 25 PSI #
12 = 300 PSI #
20 = 7500PSI *
05 = 30 PSI #
13 = 500 PSI *
21 = 10, 000 PSI *
06 = 50 PSI #
14 = 1000 PSI *
07 = 60 PSI #
15 = 1500 PSI *
MODEL 6-13
HIGH PERFORMANCE PRESSURE TRANSDUCER
WWW.VSENSORS.COM
An Electromotive Solutions Company
ISO 9001:2000 & AS9100:2004 Certified
2800 ANVIL STREET NORTH
ST. PETERSBURG, FL 33710 USA
PHONE: (727) 347-2181
Fax: (727) 347-7520
Email: sales@vsensors.com


Similar Part No. - 6-131-041500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-1311703-1 MACOM-6-1311703-1 Datasheet
503Kb / 17P
   RF Coax Connectors
More results

Similar Description - 6-131-041500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP2-41N ETC2-DP2-41N Datasheet
630Kb / 15P
   High-performance Digital Pressure Sensor
logo
Sensortechnics GmbH
VSOHPS30-50-15 SENSORTECHNICS-VSOHPS30-50-15 Datasheet
70Kb / 4P
   High performance pressure controllers
logo
List of Unclassifed Man...
HPTA0040 ETC2-HPTA0040 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0200 ETC2-HPTA0200 Datasheet
199Kb / 3P
   High Temperature Pressure Sensor
HPTA2000 ETC2-HPTA2000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0700 ETC2-HPTA0700 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0020 ETC2-HPTA0020 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA1000 ETC2-HPTA1000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0100 ETC2-HPTA0100 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA4000 ETC2-HPTA4000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com