Selected language     English  ▼


TDA4887 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA4887
Description  160 MHz bus-controlled monitor video preamplifier
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
2001 Oct 19
5
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
VFB/Rn
DAC output voltage range without
brightness control (for black level
restoration) (pins 23, 20 and 17)
control bit FPOL = 1;
control bit BRI = 0
3.95
5.75
V
VOSDn(max)
maximum OSD colour signal related to
maximum colour signal
(pins 22, 19 and 16)
maximum OSD contrast;
maximum gain
96
%
δOC
OSD colour signal related to maximum
OSD colour signal
OSD contrast control from
maximum to minimum
−12
0dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM1208130 MHz/85 MHz RGB Video Amplifier System with Blanking 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA9209150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION 1 2 3 4 5 MoreSTMicroelectronics
ADV7150CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC 1 2 3 4 5 MoreAnalog Devices
M52742SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
M52337SP3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LM1237150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA9210150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS 1 2 3 4 5 MoreSTMicroelectronics
ADV7151CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC 1 2 3 4 5 MoreAnalog Devices
DAC-34110-BIT 80 MHZ VIDEO SPEED D/A CONVERTER 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl