Selected language     English  ā–¼


TDA4887 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4887
Description  160 MHz bus-controlled monitor video preamplifier
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MHB943
INPUT
CLAMPING
BLANKING
INPUT
CLAMPING
BLANKING
INPUT
CLAMPING
BLANKING
CONTRAST
LIM
VI2
VI3
DISO
DISV
FPOL
BRI
CONTRAST
CONTRAST
REGISTER
I2C-BUS
12
13
SDA
SCL
24
VI1
6
8
10
SUBCONTRAST
CONTRAST MODULATION
LIMITING
OSD
CONTRAST
OSD
CONTRAST
OSD
CONTRAST
4
8-BIT
DAC
4-BIT
DAC
8
4
8
8
8
8
DISO
12
3
4
FBL OSD1 OSD2 OSD3
fast
blanking
OSD INPUT
input clamping
CHANNEL 1
REFERENCE
BRIGHTNESS
SWITCH
AC BLACK
LEVEL
BRIGHTNESS
GAIN
GAIN
GAIN
BRIGHTNESS
BRIGHTNESS
BRIGHTNESS
BLANKING
8-BIT
DAC
8-BIT
DAC
8-BIT
DAC
8-BIT
DAC
2
2-BIT
DAC
3
8
8
3-BIT
DAC
8-BIT
DAC
8-BIT
DAC
8
8-BIT
DAC
79
GND
SUPPLY
VP
511
INPUT CLAMPING
VERTICAL BLANKING
BLANKING
OUTPUT CLAMPING
PEDESTAL
BLANKING
PEDESTAL
BLANKING
PEDESTAL
BLANKING
HFB
CLI
DISV
FB/R3
VP3
VO3
GNDX
15
16
14
17
FB/R2
VP2
VO2
18
19
20
FPOL
BRI
FPOL
FB/R1
VP1
VO1
21
22
23
blanking
blanking
output
clamping
TDA4887PS
CHANNEL 2
REFERENCE
FPOL
FPOL
CHANNEL 3
REFERENCE
FPOL
FPOL
Fig.1 Block diagram.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM1208130 MHz/85 MHz RGB Video Amplifier System with Blanking 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA9209150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION 1 2 3 4 5 MoreSTMicroelectronics
ADV7150CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC 1 2 3 4 5 MoreAnalog Devices
M52742SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
M52337SP3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LM1237150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA9210150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS 1 2 3 4 5 MoreSTMicroelectronics
ADV7151CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC 1 2 3 4 5 MoreAnalog Devices
DAC-34110-BIT 80 MHZ VIDEO SPEED D/A CONVERTER 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl