Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6073 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N6073
Description  VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6073 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N6073_04 Datasheet HTML 1Page - Microsemi Corporation 1N6073_04 Datasheet HTML 2Page - Microsemi Corporation 1N6073_04 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VOIDLESS HERMETICALLY SEALED
ULTRA FAST RECOVERY GLASS
POWER RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2004
12-08-2004 REV A
SCOTTSD A L E DIVISION
1N6073 thru 1N6081
Lead Length
RθJL
Lead Length
RθJL
Lead Length
RθJL
INCHES (mm)
OC/W
INCHES (mm)
OC/W
INCHES (mm)
OC/W
0.000
0.125 (3.17)
0.250 (6.35)
0.375 (9.53)
0.500 (12.70)
0.750 (19.05)
5.0
11.5
17.5
23.5
29.0
40.0
0.000
0.125 (3.17)
0.250 (6.35)
0.375 (9.53)
0.500 (12.70)
0.750 (19.05)
8.5
14.0
19.5
25.0
30.0
40.0
0.000
0.125 (3.17)
0.250 (6.35)
0.375 (9.53)
0.500 (12.70)
0.750 (19.05)
13
24
35
46
54
70
1N6079, 1N6080 and 1N6081
1N6076, 1N6077 and 1N6078
1N6073, 1N6074 and 1N6075
NOTES:
1. Dimensions are in inches
2. Metric equivalents (to the nearest .01mm) are given for general information only and are based upon 1 inch = 25.4 mm.
PACKAGE DIMENSIONS
PACKAGE A (1N6073-75)
NOTE: Lead diameter tolerance = +0.003/-0.004 inches
PACKAGE E (1N6076-78)
NOTE: Lead diameter tolerance = +0.002/-0.003 inches
PACKAGE G (1N6079-81)
NOTE: Lead diameter tolerance = +0.002/-0.003 inches


Similar Part No. - 1N6073_04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073_07 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
More results

Similar Description - 1N6073_04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV1N6623 MICROSEMI-JANTXV1N6623 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_04 Datasheet
335Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6075 MICROSEMI-JANTX1N6075 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
1N6073 MICROSEMI-1N6073_07 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
JANTX1N6624 MICROSEMI-JANTX1N6624 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_09 Datasheet
257Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6620 MICROSEMI-1N6620_04 Datasheet
325Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com