Selected language     English  ▼


TDA5051 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA5051
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
1997 Sep 19
6
Philips Semiconductors
Product specification
Home automation modem
TDA5051
Data format
TRANSMISSION MODE
The data input (DATAIN) is active LOW: this means that a
burst is generated on the line (pin TXOUT) when
pin DATAIN is LOW.
Pin TXOUT is in high-impedance state as long as the
device is not transmitting. Successive logic 1s are treated
in a NRZ mode (see pulse shape description in
Figs 8 and 9).
RECEIVING MODE
The data output (pin DATAOUT) is active LOW; this means
that the data output is LOW when a burst is received.
Pin DATAOUT remains LOW as long as a burst is received.
Power-down mode
Power-down input (pin PD) is active HIGH; this means that
the power consumption is minimal when pin PD is HIGH.
All functions, except clock generation, are disabled then.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
4.5
5.5
V
fosc
oscillator frequency
12
MHz
Tstg
storage temperature
−50
+150
°C
Tamb
operating ambient temperature
−10
+80
°C
Tj
junction temperature
125
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051AHome automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl