Selected language     English  ▼


TDA5051 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA5051
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1997 Sep 19
11
Philips Semiconductors
Product specification
Home automation modem
TDA5051
Fig.4 Shaped signal spectrum.
Resolution bandwidth = 100 Hz; B−20dB = 3000 Hz (2 × 1500 Hz).
handbook, full pagewidth
−60
117.5
132.5
dBV
(RMS)
147.5
f (kHz)
−10
MBH664
1500 Hz
20 dB
Fig.5 AGC time constant definition (not to scale).
handbook, full pagewidth
MGK011
VRXIN
V(I)
0
8.68 dB
AGC range
tc(AGC)
(AGC time constant)
+30 dB
−6 dB
GAGC
modulated sinewave 122 dB
µV amplitude
t




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051AHome automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl