Selected language     English  ā–¼


TDA5051 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA5051
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
1997 Sep 19
4
Philips Semiconductors
Product speciļ¬cation
Home automation modem
TDA5051
PINNING
SYMBOL
PIN
DESCRIPTION
DATAIN
1
digital data input (active LOW)
DATAOUT
2
digital data output (active LOW)
VDDD
3
digital supply voltage
CLKOUT
4
clock output
DGND
5
digital ground
SCANTEST
6
test input (LOW in application)
OSC1
7
oscillator input
OSC2
8
oscillator output
APGND
9
analog ground for power ampliļ¬er
TXOUT
10
analog signal output
VDDAP
11
analog supply voltage for power
ampliļ¬er
AGND
12
analog ground
VDDA
13
analog supply voltage
RXIN
14
analog signal input
PD
15
power-down input (active HIGH)
TEST1
16
test input (HIGH in application)
Fig.2 Pin configuration.
handbook, halfpage
MGK005
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DATAIN
DATAOUT
VDDD
CLKOUT
DGND
SCANTEST
OSC1
OSC2
APGND
TXOUT
VDDAP
AGND
VDDA
RXIN
PD
TEST1
TDA5051T




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051AHome automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl