Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4954US Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N4954US
Description  VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4954US Datasheet(HTML) 1 Page - Microsemi Corporation

  1N4954US Datasheet HTML 1Page - Microsemi Corporation 1N4954US Datasheet HTML 2Page - Microsemi Corporation 1N4954US Datasheet HTML 3Page - Microsemi Corporation 1N4954US Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOIDLESS-HERMETICALLY-SEALED
Surface Mount 5 WATT GLASS ZENER
SCOTTSD A L E DIVISION
1N4954US thru 1N4996US, 1N5968US thru
1N5969US, and 1N6632US thru 1N6637US
DESCRIPTION
APPEARANCE
T
his surface mount Zener Voltage Regulator series is military qualified to
MIL-PRF-19500/356 and is ideal for high-reliability applications where a
failure cannot be tolerated.
These industry-recognized 5 Watt Zener
Voltage Regulators are hermetically sealed with voidless-glass construction
using an internal metallurgical bond. It includes Zener selections from 3.3
to 390 volts in standard 5% tolerances as well as tighter tolerances
identified by different suffix letters on the part number. They are also
available in axial-leaded packages for thru hole mounting by deleting the
“US” suffix (see separate data sheet for 1N4954 thru 1N4996, 1N5968 thru
1N5969, and 1N6632 thru 1N6637). Microsemi also offers numerous other
Zener products to meet higher and lower power ratings in both thru-hole
and surface mount packages.
“E” Package
(or “D-5B”)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Popular JEDEC registered series
Voidless hermetically sealed glass package
Triple-layer passivation
Internal “Category I” Metallurgical bonds for
1N4954US thru 1N4996US, and “Category III” for
1N6632US thru 1N6637US as well as 1N5968US
thru 1N5959US
JAN, JANTX, JANTXV, and JANS available per MIL-
PRF-19500/356
Axial-leaded equivalents (see separate data sheet for
1N4954 thru 1N4996, 1N6632 thru 1N6637 and
1N5968 thru 1N5969)
Regulates voltage over a broad operating current and
temperature range
Extensive selection from 3.3 to 390 V
Standard voltage tolerances are plus/minus 5% with
no suffix
Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively
Extremely robust construction
Nonsensitive to ESD per MIL-STD-750 Method 1020
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating Temperature: -65oC to +175oC.
• Storage Temperature: -65oC to +175oC.
• Power Dissipation: 5 Watts @ TEC = 125oC and
derate linearly at 0.1 W/
oC above TEC = 125oC to
zero at 175
oC
• Thermal Resistance: 7oC/W junction to end cap for
1N4954US thru 1N4996US and 10
oC/W for
1N6632US thru 1N6637US as well as 1N5968US
thru 1N5969US
• Thermal Impedance at 10 ms: 1.8oC/W for
1N4954US thru 1N4996US, and 3.0
oC/W for both
the 1N6632US thru 1N6637US & 1N5968US thru
1N5969US
• Forward Voltage: 1.50 V at 1.0 A
CASE: Hermetically sealed voidless hard glass with
Tungsten slugs
TERMINATIONS: End caps are solid Silver (Ag) with
Tin/Lead (Sn/Pb) finish
MARKING: None
POLARITY: Cathode indicated by band
Tape & Reel option: Standard per EIA-481-B
Weight: 539 mg
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2004
11-22-2004 REV B


Similar Part No. - 1N4954US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4954US MICROSEMI-1N4954US Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
logo
Semtech Corporation
1N4954US SEMTECH-1N4954US Datasheet
72Kb / 3P
   Surface Mount(US),5 WATT Voltage Regulators
logo
Sensitron
1N4954US SENSITRON-1N4954US Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
1N4954US SENSITRON-1N4954US Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
logo
Semtech Corporation
1N4954US SEMTECH-1N4954US_10 Datasheet
72Kb / 3P
   Surface Mount(US),5 WATT Voltage Regulators
More results

Similar Description - 1N4954US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
JANTX1N5618US MICROSEMI-JANTX1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
1N5186US MICROSEMI-1N5186US Datasheet
270Kb / 2P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N5415US MICROSEMI-1N5415US Datasheet
324Kb / 3P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N5614US MICROSEMI-1N5614US Datasheet
158Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com