Selected language     English  ▼


TDA5051A Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA5051A
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
1999 May 31
6
Philips Semiconductors
Product specification
Home automation modem
TDA5051A
CHARACTERISTICS
VDDD =VDDA =5V ±5%; Tamb = 0 to 70 °C; VDDD connected to VDDA; DGND connected to AGND.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
4.75
5
5.25
V
IDD(RX/TX)(tot)
total analog + digital
supply current
VDD =5V ±5%
TX or RX mode
28
38
mA
IDD(PD)(tot)
total analog + digital
supply current;
VDD =5V ±5%;
PD = HIGH
Power-down mode
19
25
mA
IDD(PAMP)
power amplifier supply
current
VDD =5V ±5%;
ZL =30 Ω;
DATAIN = LOW
in transmission mode
19
30
mA
IDD(PAMP)(max) maximum power amplifier
supply current
VDD =5V ±5%;
ZL =1 Ω;
DATAIN = LOW
in transmission mode
76
mA
DATAIN and PD inputs: DATAOUT and CLKOUT outputs
VIH
HIGH-level input voltage
0.2VDD + 0.9 −
VDD + 0.5
V
VIL
LOW-level input voltage
−0.5
0.2VDD − 0.1 V
VOH
HIGH-level output voltage
IOH = −1.6 mA
2.4
−−
V
VOL
LOW-level output voltage
IOL = 1.6 mA
−−
0.45
V
OSC1 input and OSC2 output (OSC2 only used for driving external quartz crystal; must be left open-circuit
when using an external clock generator)
VIH
HIGH-level input voltage
0.7VDD
VDD + 0.5
V
VIL
LOW-level input voltage
−0.5
0.2VDD − 0.1 V
VOH
HIGH-level output voltage
IOH = −1.6 mA
2.4
−−
V
VOL
LOW-level output voltage
IOL = 1.6 mA
−−
0.45
V
Clock
fosc
oscillator frequency
6.080
9.504
MHz
ratio between oscillator
and carrier frequency
64
ratio between oscillator
and clock output frequency
2
Transmission mode
fcr
carrier frequency
fosc = 8.48 MHz
132.5
kHz
tsu
set-up time of the shaped
burst
fosc = 8.48 MHz;
see Fig.8
170
−µs
th
hold time of the shaped
burst
fosc = 8.48 MHz;
see Fig.8
170
−µs
f
osc
f
cr
--------
f
osc
f
CLKOUT
---------------------




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051Home automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl