Electronic Components Datasheet Search
Selected language     English  ▼


TDA5051A Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA5051A
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1999 May 31
11
Philips Semiconductors
Product specification
Home automation modem
TDA5051A
Table 1
Clock oscillator parameters
Table 2
Calculation of parameters depending on the clock frequency
OSCILLATOR
FREQUENCY
fosc
CARRIER FREQUENCY
fcr
CLOCK OUTPUT
FREQUENCY
1
2fosc
EXTERNAL COMPONENTS
6.080 to 9.504 MHz
95 to 148.5 kHz
3.040 to 4.752 MHz
C1 = C2 = 27 to 47 pF;
Rp = 2.2 to 4.7 MΩ;
XTAL = standard quartz crystal
SYMBOL
PARAMETER
CONDITIONS
UNIT
fosc
oscillator frequency
with on-chip oscillator: frequency of the crystal
quartz; with external clock: frequency of the
signal applied at OSC1
Hz
fCLKOUT
clock output frequency
1
2fosc
Hz
fcr
carrier frequency/digital filter tuning
frequency
1
64fosc
Hz
tsu
set-up time of the shaped burst
or
s
th
hold time of the shaped burst
or
s
tW(DI)(min)
minimum pulse width of DATAIN signal
tsu +
s
tW(burst)(min) minimum burst time of VO(DC) signal
tW(DI)(min) +th
s
tc(AGC)
AGC time constant
s
tsu(demod)
demodulation set-up time
(
≈max.)
s
th(demod)
demodulation hold time
(
≈max.)
s
23
f
cr
------
1472
f
osc
-------------
23
f
cr
------
1472
f
osc
-------------
1
f
cr
-----
2514
f
osc
-------------
3200
f
osc
-------------
3800
f
osc
-------------




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051Home automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl