Selected language     English  ▼


TDA5051T Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. TDA5051T
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 8 page
background image
1997 Sep 19
8
Philips Semiconductors
Product specification
Home automation modem
TDA5051
Transmission mode
fcr
carrier frequency
fosc = 8.48 MHz
132.5
kHz
tsu
set-up time of the shaped
burst
fosc = 8.48 MHz;
see Fig.8
170
−µs
th
hold time of the shaped burst
fosc = 8.48 MHz;
see Fig.8
170
−µs
tW(DI)(min)
minimum pulse width of
DATAIN signal
fosc = 8.48 MHz;
see Fig.8
190
−µs
Vo(rms)
output carrier signal (RMS
value)
ZL = CISPR16
DATAIN = LOW
120
122
dB
µV
Io(max)
power amplifier maximum
output current (peak value)
ZL =1 Ω;
DATAIN = LOW
160
mA
Zo
output impedance of the
power amplifier
5
−Ω
VO
output DC level at TXOUT
2.5
V
THD
total harmonic distortion on
CISPR16 load with the
coupling network
(measured on the first ten
harmonics)
Vo(rms) = 121 dBµ
V on CISPR16
load;
fosc = 8.48 MHz;
DATAIN = LOW
(no modulation);
see Figs 3 and 16
−−55
dB
B−20dB
bandwidth of the shaped
output signal (at
−20 dB) on
CISPR16 load with the
coupling network
Vo(rms) = 121 dBµ
V on CISPR16
load;
fosc = 8.48 MHz;
DATAIN = 300 Hz;
duty factor = 50%;
see Fig.4
3000
Hz
Reception mode
Vi(rms)
analog input signal (RMS
value)
68
122
dB
µV
VI
DC level at pin RXIN
2.5
V
Zi
RXIN input impedance
50
k
RAGC
automatic gain control range
36
dB
tc(AGC)
automatic gain control time
constant
fosc = 8.48 MHz;
see Fig.5
296
−µs
td(dem)(su)
demodulation delay set-up
time
fosc = 8.48 MHz;
see Fig.15
410
460
µs
td(dem)(h)
demodulation delay hold time
fosc = 8.48 MHz;
see Fig.15
330
380
µs
Bdet
detection bandwidth
fosc = 8.48 MHz
3
kHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051AHome automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl