Selected language     English  ▼


TDA5051T Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA5051T
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 9 page
background image
1997 Sep 19
9
Philips Semiconductors
Product specification
Home automation modem
TDA5051
BER
bit error rate
fosc = 8.48 MHz;
600 baud;
S/N = 35 dB;
signal 76 dB
µV;
see Fig.17
1
1
× 10−4
Power-up timing
td(pu)(TX)
delay between power-up and
DATAIN in transmission mode
XTAL = 8.48 MHz;
C1 = C2 = 27 pF;
Rp = 2.2 MΩ;
see Fig.10
1
−µs
td(pu)(RX)
delay between power-up and
DATAOUT in reception mode
XTAL = 8.48 MHz;
C1 = C2 = 27pF;
Rp = 2.2 MΩ;
fRXIN = 132.5 kHz;
120 dB
µV
sinewave;
see Fig.11
1
−µs
Power-down timing
td(pd)(TX)
delay between PD = 0 and
DATAIN in transmission mode
fosc = 8.48 MHz;
see Fig.12
10
−µs
td(pd)(RX)
delay between PD = 0 and
DATAOUT in reception mode
fosc = 8.48 MHz;
fRXIN = 132.5 kH;
120 dB
µV
sinewave;
see Fig.13
500
−µs
tactive(min)
minimum active time with
T = 10 ms power-down period
in reception mode
fosc = 8.48 MHz;
fRXIN = 132.5 kH;
120 dB
µV
sinewave;
see Fig.14
1
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051AHome automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl