Selected language     English  ▼


TDA5051T Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA5051T
Description  Home automation modem
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
1997 Sep 19
2
Philips Semiconductors
Product specification
Home automation modem
TDA5051
FEATURES
• Full digital carrier generation and shaping
• Modulation/demodulation frequency set by clock
adjustment, from microcontroller or on-chip oscillator
• High clock rate of 6 bits D/A (Digital-to-Analog)
converter for rejection of aliasing components
• Fully integrated output power stage with overload
protection
• Automatic gain control at receiver input
• 8-bit A/D and narrow digital filtering
• Digital demodulation delivering baseband data
• Easy compliance with EN50065-1 with simple coupling
network
• Few external components for low cost applications
• SO16 plastic package.
APPLICATIONS
• Home appliance control (air conditioning, shutters,
lighting, alarms and so on)
• Energy/heating control
• ASK (Amplitude Shift Keying) data transmission using
the home power network.
GENERAL DESCRIPTION
The TDA5051 is a modem IC, specifically dedicated to
ASK transmission by means of the home power supply
network, at 600 or 1200 baud data rate. It operates from a
single 5 V supply.
QUICK REFERENCE DATA
Note
1. Frequency range corresponding to the EN50065-1 band. However the modem can operate at any lower oscillator
frequency.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
4.75
5.0
5.25
V
IDD(tot)
total supply current
fosc = 8.48 MHz
reception mode
28
38
mA
transmission mode (DATAIN =0)
ZL =30 Ω−
47
68
mA
power down mode
19
25
mA
Tamb
operating ambient temperature
0
70
°C
fcr
carrier frequency
note 1
95
132.5
148.5
kHz
fosc
oscillator frequency
6.08
8.48
9.504
MHz
Vo(rms)
output carrier signal on CISPR16 load
(RMS value)
120
122
dB
µV
Vi(rms)
input signal (RMS value)
66
122
dB
µV
THD
total harmonic distortion on CISPR16
load with coupling network
−−55
dB
ZL
load impedance
1
30
−Ω
BR
baud rate
600
1200
bits/s
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5051T
SO16
plastic small outline package: 16 leads; body width 7.5 mm
SOT162-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5051AHome automation modem 1 2 3 4 5 MoreNXP Semiconductors
ST7537HS1HOME AUTOMATION MODEM 1 2 3 4 5 MoreSTMicroelectronics
LA1177Electronic Tuning-Use FM Front End for Car Radio Home Stereos 1 2 3 4 5 MoreSanyo Semicon Device
SM83118-Bit Single-Chip Microcomputer Controllers For Home Appliances 1 2 3 4 Sharp Electrionic Components
CX11656Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet Preliminary 1 2 3 4 5 MoreConexant Systems, Inc
STLC3085Integrated Pots Interface for Home Access Gateway and WLL 1 2 3 4 5 MoreSTMicroelectronics
MSM7583pie/4 Shift QPSK MODEM 1 2 3 4 5 MoreOKI electronic componets
ST75C530SUPER INTEGRATED DEVICESWITH DSP AFE & MEMORIES FORTELEPHONY MODEM FAXOVERINTERNET& POTSLINES 1 2 3 4 5 MoreSTMicroelectronics
BAT240ASilicon Schottky Diode Rectifier Schottky diode for modem applications High reverse voltage For power supply 1 2 3 Siemens Semiconductor Group
HC55171BLow Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl