Selected language     English  ā–¼


TDA5140A Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA5140A
Description  Brushless DC motor drive circuit
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
April 1994
4
Philips Semiconductors
Product speciļ¬cation
Brushless DC motor drive circuit
TDA5140A
PINNING
SYMBOL
PIN
DIL18
PIN
SO20
DESCRIPTION
MOT1
1
1
driver output 1
TEST
2
2
test input/output
n.c.
3
not connected
MOT2
3
4
driver output 2
VMOT
4
5
input voltage for the output driver stages
PG IN
5
6
position generator: input from the position detector sensor to the position
detector stage (optional); only if an external position coil is used
PG/FG
6
7
position generator/frequency generator: output of the rotation speed and position
detector stages (open collector digital output, negative-going edge is valid)
GND2
7
8
ground supply return for control circuits
VP
8
9
positive supply voltage
CAP-CD
9
10
external capacitor connection for adaptive communication delay timing
CAP-DC
10
11
external capacitor connection for adaptive communication delay timing copy
CAP-ST
11
12
external capacitor connection for start-up oscillator
CAP-TI
12
13
external capacitor connection for timing
+AMP IN
13
14
non-inverting input of the transconductance ampliļ¬er
āˆ’AMP IN
14
15
inverting input of the transconductance ampliļ¬er
AMP OUT
15
16
transconductance ampliļ¬er output (open collector)
MOT3
16
17
driver output 3
n.c.
āˆ’
18
not connected
MOT0
17
19
input from the star point of the motor coils
GND1
18
20
ground (0 V) motor supply return for output stages




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5143TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5145Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl