Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACVX1240 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACVX1240
Description  5Vdc SINE OUTPUT FULL-SIZE DIP VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACVX1240 Datasheet(HTML) 1 Page - Abracon Corporation

  ACVX1240 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5Vdc • SINE OUTPUT • FULL-SIZE DIP
VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1240
APPLICATIONS:
• Phase locked loops (PLL) circuit.
• Synthesizers.
• EMI reductions meet FCC requirements.
FEATURES:
• Sine wave output 0dBm min. into 50W.
• Reduced EMI.
• Extended temperature available.
• Wide pulling.
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Please Inquire with factory for higher frequencies, other pulling specs.,
Control voltage range or linearity.
Test circuit, waveforms, see appendix B.
Environmental and mechanical specifications, see appendix C. Group 1.
Marking, see appendix G. Reflow profile, see appendix E.
Value added, see appendix D. Recommended handling, see appendix F.
Application notes, see appendix A.
Frequency Range
(Fo)
8.0MHz - 52.0MHz
Operating Temperature
(TOPR)
0°C to +70°C (See Options)
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(DF/ Fo)
±50ppm max (See Options)
Supply Voltage
(Vdd)
5Vdc ±5%
Input Current
(Idd)
35mA max.
Output Load
50W
Output Voltage
0dBm min.
Transfer Function
Positive
Voltage Control
(Vc)
2.5Vdc ±2.0Vdc
Frequency Deviation
±100ppm min. (See Options)
Linearity
±10% max.
Harmonics
-30dBc min.
Input Impedance
50k W min.
Start-up Time
(TOSC)
10ms max.
PARAMETERS
SPECIFICATIONS
ACV X1240 - Frequency - Temperature - Overall Frequency Stability - Pulling - Value Added - Packaging
XX.XXXXX MHz
-J for ± 20ppm max.
-R for ± 25ppm max.
-K for ± 30ppm max.
-H for ± 35ppm max.
-N15 ± 150ppm min.
-G
Gull Wing
-QXX (Trimmed Leads)
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
ORDERING OPTIONS
PIN
FUNCTION
N0.
1
Voltage Control Vc
7
GND / Case
8
Output
14
Vcc
20.2 x 12.6 x 5.08 mm
Dimensions: Inches (mm)
-TY for Tray packing
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
C O R P O R A T I O N
64


Similar Part No. - ACVX1240

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220 ABRACON-ACVX1220 Datasheet
289Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-C-S-N05 ABRACON-ACVX1220-D-C-S-N05 Datasheet
548Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-C-S-N15 ABRACON-ACVX1220-D-C-S-N15 Datasheet
548Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-C-S1-N05 ABRACON-ACVX1220-D-C-S1-N05 Datasheet
548Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
More results

Similar Description - ACVX1240

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOS ABRACON-ACOS Datasheet
509Kb / 1P
   5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1224 ABRACON-ACVX1224 Datasheet
509Kb / 1P
   HIGH FREQUENCY INVERTED MESA TTL / CMOS FULL-SIZE DIP 5VDC VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
AHVX1025 ABRACON-AHVX1025 Datasheet
450Kb / 1P
   TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
logo
Vishay Siliconix
XOVC-23 VISHAY-XOVC-23 Datasheet
70Kb / 3P
   Full Size Voltage Controlled Crystal Oscillators
Revision: 08-Mar-11
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
logo
Nel Frequency Controls,...
AE-X3A2XX-X NEL-AE-X3A2XX-X Datasheet
345Kb / 5P
   voltage controlled crystal oscillators (VCXO) provides high frequency with Sine-Wave output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com