Selected language     English  ▼


TDA5140AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA5140AT
Description  Brushless DC motor drive circuit
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
April 1994
7
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5140A
CHARACTERISTICS
VP = 14.5 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
4
18
V
IP
supply current
note 2
3.7
5
mA
VVMOT
input voltage to the output driver
stages
see Fig.1
1.7
16
V
Thermal protection
TSD
local temperature at
temperature sensor causing
shut-down
130
140
150
°C
∆T
reduction in temperature before
switch-on
after shut-down
TSD − 30 −
K
MOT0; centre tap
VI
input voltage
−0.5
VVMOT
V
II
input bias current
0.5 V
< VI < VVMOT − 1.5 V −10
0
µA
VCSW
comparator switching level
note 3
±20
±30
±40
mV
∆V
CSW
variation in comparator
switching levels
−3
0
+3
mV
Vhys
comparator input hysteresis
75
−µV
MOT1, MOT2 and MOT3
VDO
drop-out output voltage
IO = 100 mA
0.93
1.05
V
IO = 500 mA
1.65
1.80
V
∆V
OL
variation in saturation voltage
between lower transistors
IO = 100 mA
−−
180
mV
∆V
OH
variation in saturation voltage
between upper transistors
IO = −100 mA
−−
180
mV
ILIM
current limiting
VVMOT = 10 V; RO = 6.8 Ω 0.7
0.8
1
A
VDHF
diode forward voltage (diode DH)IO = −500 mA; notes 4
and 5; see Fig.1
−−
1.5
V
VDLF
diode forward voltage (diode DL)IO = 500 mA; notes 4 and
5; see Fig.1
−1.5
−−
V
IDM
peak diode current
note 5
−−
1A
+AMP IN and
−AMP IN
VI
input voltage
−0.3
VP − 1.7
V
differential mode voltage without
'latch-up'
−−
±VP
V
Ib
input bias current
−−
650
nA
CI
input capacitance
4
pF
Voffset
input offset voltage
−−
10
mV




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5143TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5145Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl