Selected language     English  ▼


TDA5141 Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. TDA5141
Description  Brushless DC motor drive circuit
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 10 page
background image
April 1994
10
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5141
Notes
1. An unstabilized supply can be used.
2. VVMOT = VP, all other inputs at 0 V; all outputs at VP; IO = 0 mA.
3. Switching levels with respect to MOT1, MOT2 and MOT3.
4. Drivers are in the high-impedance OFF-state.
5. The outputs are short-circuit protected by limiting the current and the IC temperature.
APPLICATION INFORMATION
CAP-CD
Isink
output sink current
10.6
16.2
22
µA
Isource
output source current
−5.3
−8.1
−11
µA
Isink/Isource ratio of sink to source current
1.85
2.05
2.25
VIL
LOW level input voltage
850
875
900
mV
VIH
HIGH level input voltage
2.3
2.4
2.55
V
CAP-DC
Isink
output sink current
10.1
15.5
20.9
µA
Isource
output source current
−20.9
−15.5
−10.1
µA
Isink/Isource ratio of sink to source current
0.9
1.025
1.15
VIL
LOW level input voltage
850
875
900
mV
VIH
HIGH level input voltage
2.3
2.4
2.55
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
(1) Value selected for 3 Hz start-up oscillator frequency.
Fig.8 Application diagram without use of the operational transconductance amplifier (OTA).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5143TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5145Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl