Selected language     English  ā–¼


TDA5141 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA5141
Description  Brushless DC motor drive circuit
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
April 1994
11
Philips Semiconductors
Product speciļ¬cation
Brushless DC motor drive circuit
TDA5141
Introduction (see Fig.9)
Full-wave driving of a three phase motor requires three
push-pull output stages. In each of the six possible states
two outputs are active, one sourcing (H) and one sinking
(L). The third output presents a high impedance (Z) to the
motor, which enables measurement of the motor
back-EMF in the corresponding motor coil by the EMF
comparator at each output. The commutation logic is
responsible for control of the output transistors and
selection of the correct EMF comparator. In Table 1 the
sequence of the six possible states of the outputs has
been depicted.
Table 1 Output states.
Note
1. H = HIGH state;
L = LOW state;
Z = high impedance OFF-state.
The zero-crossing in the motor EMF (detected by the
comparator selected by the commutation logic) is used to
calculate the correct moment for the next commutation,
that is, the change to the next output state. The delay is
calculated (depending on the motor loading) by the
adaptive commutation delay block.
STATE
MOT1(1)
MOT2(1)
MOT3(1)
1Z
L
H
2H
L
Z
3H
Z
L
4Z
H
L
5L
H
Z
6L
Z
H
Because of high inductive loading the output stages
contain flyback diodes. The output stages are also
protected by a current limiting circuit and by thermal
protection of the six output transistors.
The detected zero-crossings are used to provide speed
information. The information has been made available on
the PG/FG output pin. This is an open collector output and
provides an output signal with a frequency that is half the
commutation frequency. A VCR scanner also requires a
PG phase sensor. This circuit has an interface for a simple
pick-up coil. A multiplexer circuit is also provided to
combine the FG and PG signals in time.
The system will only function when the EMF voltage from
the motor is present. Therefore, a start oscillator is
provided that will generate commutation pulses when no
zero-crossings in the motor voltage are available.
A timing function is incorporated into the device for internal
timing and for timing of the reverse rotation detection.
The TDA5141 also contains an uncommitted
transconductance amplifier (OTA) that can be used as a
control amplifier. The output is capable of directly driving
an external power transistor.
The TDA5141 is designed for systems with low current
consumption: use of I2L logic, adaptive base drive for the
output transistors (patented), possibility of using a pick-up
coil without bias current.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5143TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5145Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl