Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5142T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA5142T
Description  Brushless DC motor drive circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5142T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA5142T Datasheet HTML 1Page - NXP Semiconductors TDA5142T Datasheet HTML 2Page - NXP Semiconductors TDA5142T Datasheet HTML 3Page - NXP Semiconductors TDA5142T Datasheet HTML 4Page - NXP Semiconductors TDA5142T Datasheet HTML 5Page - NXP Semiconductors TDA5142T Datasheet HTML 6Page - NXP Semiconductors TDA5142T Datasheet HTML 7Page - NXP Semiconductors TDA5142T Datasheet HTML 8Page - NXP Semiconductors TDA5142T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
June 1994
5
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5142T
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
The TDA5142T offers a sensorless three phase motor
drive function. It is unique in its combination of sensorless
motor drive and full-wave drive. The TDA5142T offers
protected outputs capable of driving external power FETs
or bipolar power transistors. It can easily be adapted for
different motors and applications. The TDA5142T offers
the following features:
• Sensorless commutation by using the motor EMF.
• Built-in start-up circuit.
• Optimum commutation, independent of motor type or
motor loading.
• Six output drivers.
• Maximum output current 0.25 A.
• Outputs protected by current limiting and thermal
protection.
• Low current consumption.
• Accurate frequency generator (FG) by using the
motor EMF.
• Brake function.
• Uncommitted operational transconductance amplifier
(OTA), with a high output current, for use as a control
amplifier or as a level shifter in a Switched Mode Power
Supply (SMPS) drive.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
4
18
V
VI
input voltage; all pins except
VMOT
VI < 18 V
−0.3
VP + 0.5
V
VVMOT
VMOT input voltage
3
18
V
VO
output voltage
FG
GND
VP
V
AMP OUT
18
V
OUT-NA, OUT-NB and OUT-NC
VVMOT − 0.9
V
OUT-PA, OUT-PB and OUT-PC
0.2
V
VI
input voltage CAP-ST, CAP-TI,
CAP-CD and CAP-DC
2.5
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
+70
°C
Ptot
total power dissipation
see Fig.3
−−
W
Ves
electrostatic handling
see Chapter “Handling”
500
V


Similar Part No. - TDA5142T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5142T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
   Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com