Selected language     English  ā–¼


TDA5142 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA5142
Description  Brushless DC motor drive circuit
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
June 1994
4
Philips Semiconductors
Product speciļ¬cation
Brushless DC motor drive circuit
TDA5142T
PINNING
SYMBOL
PIN
DESCRIPTION
OUT-NB
1
driver output B for driving the n-channel power FET or power NPN
OUT-PB
2
driver output B for driving the n-channel power FET or power PNP
GND1
3
ground (0 V) motor supply return for output stages
OUT-PC
4
driver output C for driving the n-channel power FET or power PNP
OUT-NC
5
driver output C for driving the n-channel power FET or power NPN
VMOT
6
input voltage for the output driver stages
TEST
7
test input/output
BRAKE
8
brake input
FG
9
frequency generator: output of the rotation speed detector stage
GND2
10
ground supply return for control circuits
VP
11
supply voltage
CAP-CD
12
external capacitor connection for adaptive communication delay timing
CAP-DC
13
external capacitor connection for adaptive communication delay timing copy
CAP-ST
14
external capacitor connection for start-up oscillator
CAP-TI
15
external capacitor connection for timing
+AMP IN
16
non-inverting input of the transconductance ampliļ¬er
āˆ’AMP IN
17
inverting input of the transconductance ampliļ¬er
AMP OUT
18
transconductance ampliļ¬er output (open collector)
COMP-A
19
comparator input corresponding to output A
COMP-B
20
comparator input corresponding to output B
COMP-C
21
comparator input corresponding to output C
MOT0
22
input from the star point of the motor coils
OUT-NA
23
driver output A for driving the n-channel power FET or power NPN
OUT-PA
24
driver output A for driving the n-channel power FET or power PNP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5143TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5145Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl