Selected language     English  ▼


TDA5143 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA5143
Description  Brushless DC motor drive circuit
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
June 1994
5
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5143T
FUNCTIONAL DESCRIPTION
The TDA5143T offers a sensorless three phase motor
drive function. It is unique in its combination of sensorless
motor drive and full-wave drive. The TDA5143T offers
protected outputs capable of handling high currents and
can be used with star or delta connected motors. It can
easily be adapted for different motors and applications.
The TDA5143T offers the following features:
• Sensorless commutation by using the motor EMF.
• Built-in start-up circuit.
• Optimum commutation, independent of motor type or
motor loading.
• Built-in flyback diodes.
• Three phase full-wave drive.
• High output current (0.85 A).
• Outputs protected by current limiting and thermal
protection of each output transistor.
• Low current consumption by adaptive base-drive.
• Soft-switching pulse output for low radiation.
• Accurate frequency generator (FG) by using the motor
EMF.
• Uncommitted operational transconductance amplifier
(OTA), with a high output current, for use as a control
amplifier.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
18
V
VI
input voltage; all pins except
VMOT
VI < 18 V
−0.3
VP + 0.5
V
VVMOT
VMOT input voltage
−0.5
17
V
VO
output voltage
AMP OUT and FG
GND
VP
V
MOT0, MOT1, MOT2 and MOT3
−1VVMOT + VDHF V
VI
input voltage CAP-ST, CAP-TI,
CAP-CD and CAP-DC
2.5
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
+70
°C
Ptot
total power dissipation
see Fig.3
−−
W
Ves
electrostatic handling
see Chapter “Handling”
500
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5145Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl