Selected language     English  ▼


TDA5143 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA5143
Description  Brushless DC motor drive circuit
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
June 1994
6
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5143T
Fig.3 Power derating curve.
P tot
(W)
50
3
2
0
0
200
MBD536
50
100
150
T
( C)
amb
o
1.38
70
1
HANDLING
Every pin withstands the ESD test according to
“MIL-STD-883C class 2”. Method 3015 (HBM 1500
Ω,
100 pF) 3 pulses + and 3 pulses
− on each pin referenced
to ground.
CHARACTERISTICS
VP = 14.5 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
4
18
V
IP
supply current
note 2
4.4
5.5
mA
VVMOT
input voltage to the output driver
stages
see Fig.1
1.7
16
V
Thermal protection
TSD
local temperature at temperature
sensor causing shut-down
130
140
150
°C
∆T
reduction in temperature before
switch-on
after shut-down
TSD − 30 −
K
MOT0; centre tap
VI
input voltage
−0.5
VVMOT
V
II
input bias current
0.5 V
< VI < VVMOT − 1.5 V −10
0
µA
VCSW
comparator switching level
note 3
±20
±30
±40
mV
∆V
CSW
variation in comparator switching
levels
−3
0
+3
mV
Vhys
comparator input hysteresis
75
−µV




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5145Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl