Selected language     English  ā–¼


TDA5143 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA5143
Description  Brushless DC motor drive circuit
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
June 1994
4
Philips Semiconductors
Product speciļ¬cation
Brushless DC motor drive circuit
TDA5143T
PINNING
SYMBOL
PIN
DESCRIPTION
MOT1
1
driver output 1
TEST
2
test input/output
n.c.
3
not connected
MOT2
4
driver output 2
VMOT
5
input voltage for the output driver stages
GND3
6
ground supply; must be connected
FG
7
frequency generator: output of the rotation speed (open collector digital output)
GND2
8
ground supply return for control circuits
VP
9
supply voltage
CAP-CD
10
external capacitor connection for adaptive communication delay timing
CAP-DC
11
external capacitor connection for adaptive communication delay timing copy
CAP-ST
12
external capacitor connection for start-up oscillator
CAP-TI
13
external capacitor connection for timing
+AMP IN
14
non-inverting input of the transconductance ampliļ¬er
āˆ’AMP IN
15
inverting input of the transconductance ampliļ¬er
AMP OUT
16
transconductance ampliļ¬er output (open collector)
MOT3
17
driver output 3
n.c.
18
not connected
MOT0
19
input from the star point of the motor coils
GND1
20
ground (0 V) motor supply return for output stages
Fig.2 Pin configuration.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5145Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl