Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5144 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA5144
Description  Brushless DC motor drive circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5144 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA5144 Datasheet HTML 3Page - NXP Semiconductors TDA5144 Datasheet HTML 4Page - NXP Semiconductors TDA5144 Datasheet HTML 5Page - NXP Semiconductors TDA5144 Datasheet HTML 6Page - NXP Semiconductors TDA5144 Datasheet HTML 7Page - NXP Semiconductors TDA5144 Datasheet HTML 8Page - NXP Semiconductors TDA5144 Datasheet HTML 9Page - NXP Semiconductors TDA5144 Datasheet HTML 10Page - NXP Semiconductors TDA5144 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
June 1994
7
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5144
CHARACTERISTICS
VP = 14.5 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
4
18
V
IP
supply current
note 2
6.3
7.2
mA
VVMOT
input voltage to the output driver
stages
see Fig.1
1.7
16
V
Thermal protection
TSD
local temperature at temperature
sensor causing shut-down
130
140
150
°C
∆T
reduction in temperature before
switch-on
after shut-down
TSD − 30 −
K
MOT0; centre tap
VI
input voltage
−0.5
VVMOT
V
II
input bias current
0.5 V
< VI < VVMOT − 1.5 V −10
0
µA
VCSW
comparator switching level
note 3
±20
±25
±30
mV
∆VCSW
variation in comparator switching
levels
−3
0
+3
mV
Vhys
comparator input hysteresis
75
−µV
MOT1, MOT2 and MOT3
VDO
drop-out output voltage
IO = 100 mA
0.9
1.05
V
IO = 1000 mA
1.6
1.85
V
∆V
OL
variation in saturation voltage
between lower transistors
IO = 100 mA
−−
180
mV
∆VOH
variation in saturation voltage
between upper transistors
IO = −100 mA
−−
180
mV
ILIM
current limiting
VVMOT = 10 V; RO = 1.2 Ω 1.8
2.0
2.5
A
tr
rise time switching output
VVMOT = 15 V; see Fig.6
5
10
15
µs
tf
fall time switching output
VVMOT = 15 V; see Fig.6
10
15
20
µs
VDHF
diode forward voltage (diode DH)IO = −500 mA;
notes 4 and 5; see Fig.1
−−
1.5
V
VDLF
diode forward voltage (diode DL)IO = 500 mA;
notes 4 and 5; see Fig.1
−1.5
−−
V
IDM
peak diode current
note 5
−−
2.5
A
+AMP IN and
−AMP IN
VI
input voltage
−0.3
VP − 1.7 V
differential mode voltage without
‘latch-up’
−−±V
P
V
Ib
input bias current
−−
650
nA
CI
input capacitance
4
pF
Voffset
input offset voltage
−−
10
mV


Similar Part No. - TDA5144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
   Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com