Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT2X101S20J Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT2X101S20J
Description  HIGH VOLTAGE SCHOTTKY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT2X101S20J Datasheet(HTML) 1 Page - Microsemi Corporation

  APT2X101S20J Datasheet HTML 1Page - Microsemi Corporation APT2X101S20J Datasheet HTML 2Page - Microsemi Corporation APT2X101S20J Datasheet HTML 3Page - Microsemi Corporation APT2X101S20J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT BENEFITS
Low Losses
Low Noise Switching
Cooler Operation
Higher Reliability Systems
Increased System Power
Density
PRODUCT FEATURES
Ultrafast Recovery Times
Soft Recovery Characteristics
Popular SOT-227 Package
Rugged -
Avalanche Energy Rated
Low Forward Voltage
High Blocking Voltage
Low Leakage Current
PRODUCT APPLICATIONS
Rectifiers in Switchmode Power
Supplies (SMPS)
Free Wheeling Diode in
Low Voltage Converters
HIGH VOLTAGE SCHOTTKY DIODE
STATIC ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
APT2X101S20J
APT2X101S20J 200V 120A
Symbol
V
F
I
RM
C
T
UNIT
Volts
mA
pF
MIN
TYP
MAX
.89
.95
1.06
.76
2
40
470
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R = 200V
I
F = 100A
I
F = 200A
I
F = 100A, TJ = 125°C
V
R = 200V
V
R = 200V, TJ = 125°C
DUAL DIE ISOTOP® PACKAGE
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C = 105°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Operating and StorageTemperature Range
Avalanche Energy (2A, 50mH)
Symbol
V
R
V
RRM
V
RWM
I
F(AV)
I
F(RMS)
I
FSM
T
J,TSTG
E
AVL
UNIT
Volts
Amps
°C
mJ
APT2X101S20J
200
120
213
1000
-55 to 150
100
SOT-227
ISOTOP
1
2
3
4
file # E145592
"UL Recognized"
Parallel
2
1
3
4
Microsemi Website - http://www.microsemi.com


Similar Part No. - APT2X101S20J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X101S20J ADPOW-APT2X101S20J Datasheet
43Kb / 2P
   HIGH VOLTAGE SCHOTTKY DIODES
More results

Similar Description - APT2X101S20J

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD92V CENTRAL-CPD92V Datasheet
157Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CMLD6263 CENTRAL-CMLD6263_15 Datasheet
511Kb / 3P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Microsemi Corporation
APT100S20LCT MICROSEMI-APT100S20LCT Datasheet
201Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20K MICROSEMI-APT15S20K Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KG MICROSEMI-APT15S20KG Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT60S20BG MICROSEMI-APT60S20BG Datasheet
2Mb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KCT MICROSEMI-APT15S20KCT Datasheet
182Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Advanced Power Technolo...
APT15S20BCT ADPOW-APT15S20BCT Datasheet
57Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com