Selected language     English  â–Ľ


TDA5146T Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA5146T
Description  Brushless DC motor drive circuit
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
Philips Semiconductors
Product specification
TDA5146T
Brushless DC motor drive circuit
1994 May 18
4
PINNING
Symbol
Pin
Description
CAP–CDS
1
external capacitor connection for adaptive commutation delay timing copy
CAP–ST
2
external capacitor connection for start–up oscillator
CAP–TI
3
external capacitor connection for timing
GND
4
ground supply for the FET driver stage
PWMOUT
5
FET driver stage output
VSUP
6
positive supply for the FET driver stage
PWM_IN
7
FET driver stage input
RESET
8
reset input
MOT3
9
driver output 3
NC
10,11,12
not connected
MOT0
13
input from the star point of the motor coils
GND1
14
ground (0 V) motor supply return for output stages
MOT1
15
driver output 1
TEST
16
test input/output
NC
17,18,19,20
not connected
MOT2
21
driver output 2
VMOT
22
input voltage for the output driver stages
BRAKE
23
brake input
DIR
24
direction control input
FG
25
frequency generator: output of the rotation speed and position detector stages (open collector digi-
tal output, negative – going edge is valid)
GND2
26
ground supply return for control circuits
VP
27
positive supply voltage
CAP–CDM
28
external capacitor connection for adaptive commutation delay timing
NOTE:
1. Pins 10,11,12,17,18,19 have to be connected to the ground for higher dissipation
SL01520
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
CAP–CDS
CAP–ST
CAP–TI
GND
PWMOUT
VSUP
PWM_IN
RESET
MOT3
NC
NC
CAP–CDM
VP
GND2
FG
DIR
BRAKE
VMOT
NC
MOT2
NC
NC
NC
NC
13
16 TEST
MOT0
14
15 MOT1
GND1
Figure 2. Pin configuration




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5143TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl