Selected language     English  â–Ľ


TDA5146T Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA5146T
Description  Brushless DC motor drive circuit
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 9 page
background image
Philips Semiconductors
Product specification
TDA5146T
Brushless DC motor drive circuit
1994 May 18
9
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
CAP–CDM
lI
Output sink current
10.6
16.2
22
mA
IO
Output source current
–5.3
–8.1
–11
mA
II/IO
Ratio of sink to source current
1.85
2.05
2.25
VIL
Input voltage level LOW
0.85
–
0.9
V
VIH
Input voltage level HIGH
2.3
2.4
2.55
V
CAP–CDS
II
Output sink current
10.1
15.5
20.9
mA
IO
Output source current
–20.9
–15.5
–10.1
mA
II/IO
Ratio of sink to source current
0.9
1.025
1.15
mA
VIL
Input voltage level LOW
0.85
–
0.9
V
VIH
Input voltage level HIGH
2.3
2.4
2.55
V
NOTES:
1. An unstabilized supply can be used.
2. VMOT = VP, all other inputs at 0V; all outputs at VP and IO = 0mA.
3. Switching levels with respect to MOT1, MOT2 and MOT3. See Figure 4.
4. Drivers are in high impedance OFF–state.
5. The outputs are short–circuit protected by limiting the current and the IC temperature.
6. Output transition time measurement. See Figure 5.
Hysteresis 75 mV typ
MOT 1 MOT 2 and MOT 3
Comparators threshold voltage
Figure 4.
12.5 V
12.5 V
2V
2V
Tr
Tf
Figure 5.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5240TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5241Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
TDF5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDF5242TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5140ABrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5141Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5142TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5143TBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
TDA5144Brushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl