Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIUR-15 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIUR-15
Description  THRU-HOLE POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIUR-15 Datasheet(HTML) 1 Page - Abracon Corporation

  AIUR-15 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
L (µH)
RDC
IDC
Part
L (µH)
RDC
IDC
Number
(Ω)
(A)
Number
(Ω)
(A)
AIUR-15
Max
Max
AIUR-15
Max
Max
220M
22
0.030
5.7
181K
180
0.130
2.5
270M
27
0.033
5.0
221K
220
0.160
2.3
330K
33
0.038
4.8
271K
270
0.190
2.0
390K
39
0.038
4.5
331K
330
0.260
1.8
470K
470
0.044
4.2
391K
390
0.290
1.7
560K
56
0.048
4.0
471K
470
0.330
1.5
680K
68
0.055
3.8
561K
560
0.410
1.4
820K
82
0.066
3.5
681K
680
0.460
1.3
101K
100
0.082
3.2
821K
820
0.630
1.1
121K
120
0.098
3.0
102K
1000
0.710
1.0
151K
150
0.110
2.7
0.22Max
5,5
Ø0.040
Ø1,00
0.79Max
20,0
1.10Min
28,0
0.394
10,00
0.12Min
3,0
0.71Max
18,0
0.365Max
9,27
0.275Max
6,99
0.138
3,50
0.375
9,53
Ø0.025
Ø0,64
0.625
15,88
Part
L (µH)
RDC
I DC
Part
L (mH)
RDC
I DC
Part
L (µH)
RDC
I DC
Number
(Ω)
(A)
Number
(Ω)
(A)
Number
(Ω)
(A)
AIUR-16
Max
Max
AIUR-16
Max
Max
AIUR-16
Max
Max
3R9K
3.9
0.020
2.70
820K
82
0.240
0.580
182K
1.8
5.7
0.125
4R7K
4.7
0.022
2.50
101K
100
0.270
0.530
222K
2.2
6.2
0.115
5R6K
5.6
0.027
2.30
121K
120
0.310
0.460
272K
2.7
7.6
0.105
6R8K
6.8
0.029
2.10
151K
150
0.372
0.440
332K
3.3
8.5
0.096
8R2K
8.2
0.036
1.90
181K
180
0.456
0.390
392K
3.9
10.3
0.084
100K
10
0.041
1.70
221K
220
0.535
0.350
472K
4.7
11.3
0.076
120K
12
0.046
1.55
271K
270
0.625
0.320
562K
5.6
13
0.070
150K
15
0.050
1.40
331K
330
0.816
0.300
682K
6.8
17
0.064
180K
18
0.062
1.30
391K
390
1.0
0.280
822K
8.2
20
0.057
220K
22
0.071
1.20
471K
470
1.2
0.240
103K
10
27
0.053
270K
27
0.073
1.10
561K
560
1.3
0.225
123K
12
31
0.047
330K
33
0.090
0.92
681K
680
1.8
0.210
153K
15
45
0.043
390K
39
0.102
0.84
821K
820
2.1
0.190
183K
18
51
0.038
470K
47
0.120
0.76
102K
1000
3.0
0.165
223K
22
60
0.035
560K
56
0.162
0.70
122K
1200
3.3
0.155
273K
27
66
0.033
680K
68
0.186
0.66
152K
1500
3.5
0.135
333K
33
100
0.029
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THRU-HOLE POWER INDUCTORS
THRU-HOLE POWER INDUCTORS
THRU-HOLE POWER INDUCTORS
AIUR-15, AIUR-16 SERIES
|||||||||||||||
STANDARD SPECIFICATIONS:
PHYSICAL CHARACTERISTICS:
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
TECHNICAL INFORMATION:
• Test frequency: 1KHz, 0.1VRMS
• Inductance tolerance: M=20%, K=10%
• IDC: Inductance drops 10% typical or,
∆T ≤ 40°C with rated IDC
• Letter suffix indicates standard tolerance
• Test frequency: 10KHz 0.1VRMS
• Tolerance: K=10% (Standard)
• Letter suffix indicates standard tolerance
• Temperature: -40°C to +125°C with no load -40°C to +85°C with full rated current
• Marking: Value and tolerance
• IDC: 5% typical Lp drops from initial value
• UL Shrink Tube
Note: Where wires exits over flange to lead termination add 0.050" total
to max diameter. Check SCD for detail E&M specification
• Operating Temperature: -40°C to +85°C
• Storage Temperature: -55°C to +125°C
• Marking: Inductance and tolerance
** No Tubing
OPTIONS:
• Bulk Pack is standard
APPLICATIONS:
• Electronic Appliance
• Noise Filtering
FEATURES:
• Ferrite core with heat shrink tube
• High Reliability


Similar Part No. - AIUR-15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-15-101 ABRACON-AIUR-15-101 Datasheet
947Kb / 2P
   Unshielded Radial Power Inductor
10.06.14
AIUR-15-102 ABRACON-AIUR-15-102 Datasheet
947Kb / 2P
   Unshielded Radial Power Inductor
10.06.14
AIUR-15-121 ABRACON-AIUR-15-121 Datasheet
947Kb / 2P
   Unshielded Radial Power Inductor
10.06.14
AIUR-15-151 ABRACON-AIUR-15-151 Datasheet
947Kb / 2P
   Unshielded Radial Power Inductor
10.06.14
AIUR-15-181 ABRACON-AIUR-15-181 Datasheet
947Kb / 2P
   Unshielded Radial Power Inductor
10.06.14
More results

Similar Description - AIUR-15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-07 ABRACON-AIUR-07 Datasheet
79Kb / 1P
   THRU-HOLE POWER INDUCTORS
AIUR-05 ABRACON-AIUR-05 Datasheet
70Kb / 1P
   THRU-HOLE POWER INDUCTORS
AIUR-01 ABRACON-AIUR-01 Datasheet
55Kb / 1P
   THRU-HOLE POWER INDUCTORS
AIUR-11 ABRACON-AIUR-11 Datasheet
66Kb / 1P
   THRU-HOLE POWER INDUCTORS
AIUR-03 ABRACON-AIUR-03 Datasheet
55Kb / 1P
   THRU-HOLE POWER INDUCTORS
AIUR-09 ABRACON-AIUR-09 Datasheet
66Kb / 1P
   THRU-HOLE POWER INDUCTORS
12.18.06
AIUR-10 ABRACON-AIUR-10 Datasheet
62Kb / 1P
   THRU-HOLE POWER INDUCTORS
AIRH-03 ABRACON-AIRH-03 Datasheet
63Kb / 1P
   THRU-HOLE RADIAL POWER INDUCTORS
AIRD-01 ABRACON-AIRD-01 Datasheet
82Kb / 1P
   THRU-HOLE DRUM CORE POWER INDUCTORS
AIRD-03 ABRACON-AIRD-03 Datasheet
104Kb / 1P
   THRU-HOLE DRUM CORE POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com