Selected language     English  ā–¼


TDA5147CH Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA5147CH
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
1997 Jul 09
5
Philips Semiconductors
Preliminary speciļ¬cation
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147CH
handbook, full pagewidth
VCC5
VCC5
disable
disable
brake
DRIVER
DRIVER
from PORN block
VCCS12
disable
disable
brake
DRIVER
DRIVER
40
39
5
28
23
disable
disable
brake
DRIVER
DRIVER
10
W.L
W.H
V.L
V.H
U.L
U.H
control
amplifier
PWM/LIN
Iset
Isense
COMP
VCC5
LOGIC
DECODER
U.H
U.L
V.H
V.L
W.H
W.L
brake
disable
THERMAL
SWITCH
PWM
UPPER
BOOSTER
29
41
30
BSTCP2
BSTCP1
BSTFLT
24
58
SPWMTC
PWM/LIN
TEMP
lcompare
to the VCM
output
stages
20
SCNTL1
21
22
SCNTL2
SCNTL3
13
SMODE1
37
SCOMP
SISINK1, SISINK2
COMP
SDRVU
25
SHPWR1
SDRVU
SHPWR2
SHPWR3
Cclamp
SDRVV
SDRVW
SDRVN
COMP
SDRVV
COMP
SDRVW
27
SENV
26
SENU
18
SENWIS
multiplexer
COMP
Isense
AMP
SISENL 46
SISENH 45
Rsense
36
VCCS12
8
9
VCC5
VCCA12
19
SISINK2
42
SISINK1
54, 55, 56
GNDV
6, 7
GNDSUBB
PWM
DECODER
FILTER
44
SIPWM
38
SPWMFLT
Vref
Iset
TDA5147CH
MGG844
Icompare
Fig.2 Block diagram of spindle motor drivers.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147K12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl