Selected language     English  ▼


TDA5147CH Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA5147CH
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
1997 Jul 09
7
Philips Semiconductors
Preliminary specification
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147CH
GNDV
54
power ground 2 of voice coil
motor driver
GNDV
55
power ground 2 of voice coil
motor driver
GNDV
56
power ground 2 of voice coil
motor driver
VISENH
57
I
positive input voltage of
sense resistor amplifier
TEMP
58
O
open collector output for
early thermal warning
SYMBOL
PIN
I/O
DESCRIPTION
VCMN
59
O
negative output voltage of
H-Bridge
VISENL
60
I
negative input voltage of
sense resistor amplifier
VISENS1
61
O
voltage output 1 of sense
resistor amplifier
n.c.
62
not connected
n.c.
63
not connected
VCC1V12
64
+12 V power supply of VCM
driver
SYMBOL
PIN
I/O
DESCRIPTION
Fig.3 Pin configuration.
handbook, full pagewidth
TDA5147CH
MGG842
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
n.c.
VCMINP
SISENL
SISENH
SIPWM
GNDSUBA
SISINK1
BSTCP1
SHPWR1
SDRVU
SPWMFLT
SCOMP
VCCS12
RETADJ
n.c.
n.c.
VIPWML
VIPWMH
VFLTINP
VFLTOUT
SHPWR2
GNDSUBB
GNDSUBB
VCCA12
VCC5
SDRVW
n.c.
n.c.
SMODE1
CPOR
PORN
POR12VADJ
33




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147K12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl