Selected language     English  ▼


TDA5147CH Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA5147CH
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1997 Jul 09
11
Philips Semiconductors
Preliminary specification
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147CH
DISABLE VCM DRIVERS
With the VPCNTL signal at 0.5VCC the VCM drivers are
disabled while the rest of the circuits remain enabled.
A sleep mode is initiated when the spindle and VCM are
disabled (this places the TDA5147CH in its lowest power
setting).
ACTUATOR PARK
Retracting the actuator can be accomplished by driving
VPCNTL LOW in conjunction with either the spindle turning
or a brake voltage has been applied. An adjustable retract
voltage of 1.2 V (max.) is applied between the VCMN and
VCMP outputs. The retract circuit obtains its retract current
from the spindle BEMF (pins SHPWR2 and SHPWR3).
The retract voltage is determined by two external resistors.
One end is connected to pin VCMN and the other to ground.
The common point is connected to pin RETADJ (see Fig.8
for additional information).
The calculation of VRETRACT is as follows:
VBE = 0.65 V at 25 °C and ∆VBE/∆T= −2 mV/°C, 50 kΩ
can vary by
±30%. It should be noted that R2 has to be less
than 10 k
Ω.
Pin RETADJ can be pulled to ground by applying 0.7 V
(VBE) on pin BRKTC. This is used to perform spindle brake
during power down.
When pin 35 (RETADJ) is pulled to ground, no regulation of
the VCMN is taking place, but the VCMP output is still kept
LOW. In that case, the SHPWR2 and SHPWR3 lines are
loaded with the VCM motor by means of an internal MOS
transistor.
V
RETRACT
V
BE
R1
R2
+
R1
----------------------
R2
50 k
----------------
+


×
=
Table 3
Booster, spindle drivers, comparator, decoder, amplifier and filter modes
FUNCTION
UPPER
BOOSTER
UPPER
DRIVERS
LOWER
DRIVERS
COMPARATOR
CONTROL
AMPLIFIER
Spindle enable
ON
ON
ON
ON
ON
Spindle disable
ON
ON
ON
ON
ON
PORN LOW
OFF
OFF
ON
ON
OFF
Sleep
OFF
OFF
ON
ON
OFF
Fig.5 Block diagram of the VCM driver PWM filter.
handbook, full pagewidth
LEVEL
CONVERTOR
Vref
VIPWMH
VIPWML
VFLTOUT
SUM
LEVEL
CONVERTOR
32 : 1
ATTENUATION
UNITY
GAIN
LOW-PASS
MBH019




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147K12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl