Selected language     English  ā–¼


TDA5147K Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA5147K
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
1996 Jul 26
5
Philips Semiconductors
Product speciļ¬cation
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147K
Fig.3 Block diagram of voice coil motor driver.
handbook, full pagewidth
MBH023
VDD
VDD
autopark
park
disable
PARK
CICUITRY
Vref(o)
POWER
POWER
POWER AMPLIFIERS
36
42
VCMP
Rs
43
VISENL
SENSE
Vref(o)
40
VISENH
Vref(o)
SENSE
41
44
33
49
VISEN2
VCMINP
VFLTOUT
VISEN1
VCMN
35
VPCNTL
SHPWR
RETADJ
22
Vref(o)
Vref(o)
48
VFLTINP
52
28
AGND1
AGND2
UNDER
VOLTAGE
GENERATOR
PWM
DECODER
PWM
DETECTOR
to spindle
section
38
46
47
6
7
VCCAI
Vref
37
13
39
VCCS
VCCV
VCCA2
CPOR
POR
4
TDA5147K
5
POR12ADJ
POR5ADJ
Vref(o)
Vref(i)
VIPWML
VIPWMH
VCCA2
SDRU
M




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl