Selected language     English  ā–¼


TDA5147K Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA5147K
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
1996 Jul 26
7
Philips Semiconductors
Product speciļ¬cation
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147K
VISENS2
41
O
voltage output 2 of sense resistor ampliļ¬er
VCMP
42
O
positive output voltage of H-bridge
VISENL
43
I
negative input voltage of sense resistor ampliļ¬er
VISENS1
44
O
voltage output 1 of sense resistor ampliļ¬er
PGND2
45
āˆ’
power ground 2 of voice coil motor driver
VIPWML
46
I
PWM input voltage (LSB)
VIPWMH
47
I
PWM input voltage (MSB)
VFLTINP
48
O
voice coil motor PWM ļ¬lter capacitor
VFLTOUT
49
O
PWM ļ¬lter output voltage
VCCA2
50
āˆ’
analog supply voltage 2 (+12 V)
SHPWR2
51
O
capacitor for PARK supply voltage
AGND2
52
āˆ’
analog ground 2
SYMBOL
PIN
I/O
DESCRIPTION
Fig.4 Pinning configuration.
handbook, full pagewidth
TDA5147K
MBH017
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
VCCA1
SDRVW
SMODE1
CPOR
SENWIS
SISINK2
SCNTL1
SDRVV
VCCS
SCNTL2
POR
POR12ADJ
POR5ADJ
VCCV
Vref(i)
Vref(o)
VCMN
VPCNTL
VCMINP
SISENL
SISENH
SIPWM
SHPWR1
AGND1
SISINK1
PGND1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl