Selected language     English  ā–¼


TDA5147K Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA5147K
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 9 page
background image
1996 Jul 26
9
Philips Semiconductors
Product speciļ¬cation
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147K
The duty factor is arranged so that at 100%, the voltage SPWMFLT = 1.74 V and at a 5% duty factor SPWMFLT = 0 V.
This is to ensure that at 0% duty factor the current will be zero (allowances for circuit tolerances).
The input decoder is driven by three lines which define the windings to be energized. The input decoder must then
translate these lines to six lines to drive the six output drivers. The truth table is given in Table 1.
Table 1
Input decoder truth table
Note
1. X = 3-state.
CONDITION
SCNTL1
SCNTL2
SCNTL3
SDRVU(1)
SDRVV(1)
SDRVW(1)
Disable
LOW
LOW
LOW
X
X
X
Dynamic brake
HIGH
HIGH
HIGH
HIGH
HIGH
HIGH
State 1
HIGH
HIGH
LOW
LOW
X
HIGH
State 2
HIGH
LOW
LOW
X
LOW
HIGH
State 3
HIGH
LOW
HIGH
HIGH
LOW
X
State 4
LOW
LOW
HIGH
HIGH
X
LOW
State 5
LOW
HIGH
HIGH
X
HIGH
LOW
State 6
LOW
HIGH
LOW
LOW
HIGH
X
Under voltage
āˆ’āˆ’āˆ’
XXX
VCM driver
The VCM driver is a linear, class AB, H-bridge type power
driver with all power devices internal to the chip. In addition
to the power stage a sense resistor enables VCM current
to be measured and brought out to a separate ADC via the
VISENS2 pin. The reference voltage for the VISENS2 output
is provided externally. The current level to the VCM is
controlled via two PWM signals that are generated by the
digital circuit. The input voltage at pin 47 (VIPWMH)
represents a weighting of 32 times more than the input
voltage at pin 46 (VIPWML), thus the current command is
equal to 32
Ɨ duty factor (VIPWML +VIPWMH). These PWM
signals are filtered by an internal 3rd-order low-pass filter
(Butterworth filter). The bandwidth of this low-pass filter is
nominally 40 kHz (less than 2 degrees lag at 500 Hz), but
the real pole may be adjustable by an external capacitor.
The analog output of the filter depends on the duty factor
of the PWM signal and not on the logic level.
Fig.5 Block diagram of the PWM filter.
handbook, full pagewidth
LEVEL
CONVERTOR
Vref
PWM (MSD)
SUM
LEVEL
CONVERTOR
PWM (LSB)
32 : 1
ATTENUATION
UNITY
GAIN
LOW-PASS
analog
output
MBH019




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl