Selected language     English  ▼


TDA5147K Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. TDA5147K
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 10 page
background image
1996 Jul 26
10
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147K
PARK ENABLE
A 3-state-level mode line (VPCNTL) has been included that
will:
1. Enable VCM drivers; VCCA1 (normal).
2. Disable VCM drivers; 0.5VCCA1.
3. PARK (soft retract the actuator); 0 V.
Enable VCM drivers
When the enable signal is HIGH, the VCM drivers are
controlled by the two PWM inputs. The two digital signals
convert the duty factor to a voltage level at VFLTOUT. At a
100% duty factor the VFLTINP voltage is approximately 1 V
above Vref(o). At a 0% duty factor the VFLTINP voltage is
approximately
−1 V below V
ref(o). At a 50% duty factor, the
voltage level is equal to Vref(o) (typical 4 V). The VFLTINP
voltage is amplified, filtered and output at VFLTOUT. The
voltage at VFLTOUT varies between ±2 V about Vref(o). The
VFLTOUT voltage, in conjunction with the sense resistor
amplifier, drives the two VCM drivers as illustrated in Fig.8.
The transconductance equation that governs the voltage
from VFLTINP to Icoil is:
Amps per Volt
In a typical application:
The transconductance is variable by selecting external
resistors R2/R1 and sense resistors Rs
Disable VCM drivers
With the PARK enable signal at 0.5V the VCM drivers are
disabled while the rest of the circuits remain enabled.
A sleep mode is initiated when the spindle and VCM are
disabled (this places the TDA5147K in its lowest power
setting).
G
m
I
coil
V
FLTINP
V
ref o
()
---------------------------------------------
I
coil
V
FLTOUT
V
ref o
()
()
------------------------------------------------------
=
=
2
1
gain
------------
R2
R1
--------
1
R
s
------
×
×
×
=
I
coil
V
FLTINP
V
ref o
()
---------------------------------------------
2
4
---
6.6 k
10 k
------------------
×
1
0.33
-----------
×
1 Amp per Volt
=
=
ACTUATOR PARK
Retracting the actuator can be accomplished by driving
VPCNTL LOW in conjunction with either the spindle is
turning or a brake voltage has been applied. An adjustable
retract voltage of 1.2 V (max.) is applied between the VCMN
and VCMP outputs. The retract circuit obtains its retract
current from the spindle SDRVU phase. If the SDRVU
phase is zero there will be no retract voltage.
The retract voltage is determined by two external resistors.
One end is tied to VCMN and the other to ground. The
common point is tied to pin 22 (RETADJ); see Fig.1 for
additional information.
The calculation of VRETRACT is as follows:
Where 0.65 is VBE at 25 °C ∆VBE/∆T= −2 mV/°C; 50 kΩ
can vary by
±30%
It should be noted that R2 has to be less than 10 k
Ω.
Power-on reset
The power-on reset circuit monitors the voltage levels of
both the +5 V and the +12 V supply voltages as shown
in Fig.6. The POR (active LOW) logic line is set HIGH
following a supply voltage rise above a specified voltage
threshold plus a hysteresis, and delayed by a time, tC that
is controlled by an external capacitor. This POR signal
should remain HIGH until either the +5 or +12 V supplies
drop below the voltage threshold, at which point the POR
line should be asserted LOW.
The tC timing is set by the following equation:
Where Vth = 2.5 V and I is 12 µA (typ.).
A negative going pulse width of 5
µs on either the
+5 or +12 V rail will provide a full output pulse. If another
trigger pulse occurs before the output is completed a new
output pulse will be originated. This implies the power-on
reset circuit is a retriggerable one-shot with a maximum
trigger pulse of 5
µs (see Fig.7).
V
RETRACT
0.65
1R2
+
R1
-----------------
R2
50 k
----------------
+


×
=
t
C
CV
th
×
I
------------------
=




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl