Selected language     English  ā–¼


TDA5147K Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA5147K
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1996 Jul 26
11
Philips Semiconductors
Product speciļ¬cation
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147K
Fig.6 Power-on reset timing.
handbook, full pagewidth
MBH021
VCC
POR
0.8 V
Vhys
threshold
t
t
tC
tC
Fig.7 Trigger pulse requirement.
handbook, full pagewidth
MBH020
threshold
hysteresis
slopes 1
Āµs/V
5
Āµs
1 V
tC
POR
VCC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl