Selected language     English  ▼


TDA5147K Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA5147K
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
1996 Jul 26
2
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147K
FEATURES
Spindle motor driver
• Internal 1 A peak current power drivers
• Low Rds(on) 1 Ω max total for high, low and isolation
drivers
• Induction sense start-up option
• External current sense resistor
• Soft switching on both upper and lower drivers
• Programmable linear or PWM spindle mode
• Provide spindle active dynamic braking mode.
Voice coil motor driver
• 0.8 Amp VCM power driver
• Maximum of 1 V drop across the power driver at 0.8 A
• External current sense resistor, with sense amplifier
• External current control loop compensation
• 15 kHz (typ.) VCM current control loop bandwidth
• Three mode operation: enable VCM, retract, and
disable.
Power monitor and retract circuit
• +5 and +12 V power monitor threshold accuracy ±2%
• Hysteresis on both power monitor comparators
• Precision internal voltage generator ±2%
• Buffered reference voltage output pin
• Retract circuit operates down to 2 V
• Internal thermal sense circuitry with an over temperature
shut down option
• Internal boost voltage generator
• Sleep mode.
APPLICATIONS
• Hard disk drive for PC products.
GENERAL DESCRIPTION
The TDA5147K is an ASIC combination chip that includes
the following functions; spindle motor drive, voice coil
motor drive, retract, and power-on. The circuit is contained
in a 52-pin PLCC package.
The TDA5147K (see Fig.1) is controlled by a custom
digital ASIC. The custom ASIC provides the necessary
commutation sequences for the spindle drivers via the
SCNTL1, SCNTL2 and SCNTL3 inputs. Spindle speed is
monitored by comparator outputs SENU, SENV and
SENWIS. Motor speed control is accomplished by a PWM
signal (input at the SIPWM pin).
Control of the VCM circuits is via the VIPWMH and VIPWML
input signals. These two inputs provide control of the coil
current. The VISENSE2 output signal can be used to monitor
the voice coil current.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply voltage
VCCA1
analog supply voltage 1
4.5
5.0
5.5
V
VCCA2
analog supply voltage 2
10.8
12.0
13.2
V
Drivers
Ispin(max)
maximum spindle current
1
A
IVCM(max)
maximum voice coil motor current
0.8
A
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5147K
PLCC52
plastic leaded chip carrier; 52 leads
SOT238-2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5149G12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
AN8420FBPSpindle/Voice Coil Motor Drive IC 1 2 3 4 5 MorePanasonic Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl