Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5147K Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA5147K
Description  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5147K Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA5147K Datasheet HTML 24Page - NXP Semiconductors TDA5147K Datasheet HTML 25Page - NXP Semiconductors TDA5147K Datasheet HTML 26Page - NXP Semiconductors TDA5147K Datasheet HTML 27Page - NXP Semiconductors TDA5147K Datasheet HTML 28Page - NXP Semiconductors TDA5147K Datasheet HTML 29Page - NXP Semiconductors TDA5147K Datasheet HTML 30Page - NXP Semiconductors TDA5147K Datasheet HTML 31Page - NXP Semiconductors TDA5147K Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
1996 Jul 26
28
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147K
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - TDA5147K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
More results

Similar Description - TDA5147K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
   12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
STMicroelectronics
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com