Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIAM-02-1R8K Datasheet(PDF) 3 Page - Abracon Corporation

Part # AIAM-02-1R8K
Description  THROUGH-HOLE MOLDED INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAM-02-1R8K Datasheet(HTML) 3 Page - Abracon Corporation

  AIAM-02-1R8K Datasheet HTML 1Page - Abracon Corporation AIAM-02-1R8K Datasheet HTML 2Page - Abracon Corporation AIAM-02-1R8K Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test (MIN)
(mA)
(MHz) (MHz) (MAX)
(MAX)
39
47
56
68
82
100
120
150
180
220
270
300
330
360
390
430
470
510
560
620
680
750
820
910
1000
55
55
55
45
50
45
60
60
60
60
60
65
65
65
65
65
65
65
65
60
60
60
60
60
60
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
165
14
14
11
9.3
8.5
7.3
6.2
5.7
5.2
5.6
5.3
5.0
4.7
4.5
4.3
4.0
3.8
3.8
3.5
3.4
3.3
3.1
2.9
2.8
2.50
3.40
4.10
4.20
4.40
4.90
5.40
6.20
7.10
7.90
8.20
8.70
9.10
9.60
10.0
10.6
11.0
11.6
12.3
13.0
13.7
14.4
15.1
15.8
16.5
285
245
225
220
215
205
195
180
170
160
110
107
105
102
100
97
95
93
91
88
85
83
81
79
78
AIAM-03-390J
AIAM-03-470J
AIAM-03-560J
AIAM-03-680J
AIAM-02-820J
AIAM-02-101J
AIAM-02-121J
AIAM-02-151J
AIAM-02-181J
AIAM-02-221J
AIAM-02-271J
AIAM-02-301J
AIAM-02-331J
AIAM-02-361J
AIAM-02-391J
AIAM-02-431J
AIAM-02-471J
AIAM-02-511J
AIAM-02-561J
AIAM-02-621J
AIAM-02-681J
AIAM-02-751J
AIAM-02-821J
AIAM-02-911J
AIAM-02-102J
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test (MIN)
(mA)
(MHz) (MHz) (MAX)
(MAX)
0.15
0.22
0.33
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
50
50
50
50
50
45
40
40
30
30
30
30
30
30
30
30
30
30
60
30
50
60
60
60
65
65
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
7.9
2.5
2.5
2.5
2.5
2.5
2.5
510
415
305
300
270
250
210
200
180
170
150
140
120
70
65
60
50
50
48
42
36
30
30
24
22
18
.300
.350
.650
.850
.125
.150
.205
.290
.400
.485
.740
.970
1.20
1.40
.155
.210
.280
3.75
.440
.605
1.05
1.20
1.95
2.20
2.75
2.30
3050
2800
2000
1700
1450
1300
1100
930
785
700
550
505
460
990
870
745
645
560
540
440
370
310
255
240
205
300
AIAM-03-R15M
AIAM-03-R22M
AIAM-03-R33M
AIAM-03-R47M
AIAM-03-R56K
AIAM-03-R68K
AIAM-03-R82K
AIAM-03-1R0K
AIAM-03-1R2K
AIAM-03-1R5K
AIAM-03-1R8K
AIAM-03-2R2K
AIAM-03-2R7K
AIAM-03-3R3K
AIAM-03-3R9K
AIAM-03-4R7K
AIAM-03-5R6K
AIAM-03-6R8K
AIAM-03-8R2K
AIAM-03-100K
AIAM-03-120K
AIAM-03-150K
AIAM-03-180K
AIAM-03-220K
AIAM-03-270K
AIAM-03-330K
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THROUGH-HOLE MOLDED INDUCTORS
THROUGH-HOLE MOLDED INDUCTORS
THROUGH-HOLE MOLDED INDUCTORS
AIAM-03 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
• Letter suffix indicates standard tolerance
• Current rating at which inductance (L) drops 10%
• Operating temperature -55°C to +85°C
• Storage temperature -55°C to +125°C
• Dimensions: inches / mm; see spec sheet for tolerance limits
• Marking per EIA 4-band color code
Note: All specifications subject to change without notice.
0.19
(4,83)
0.025
(0,63)
0.44
(11,2)
1.15
(29,21)


Similar Part No. - AIAM-02-1R8K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAC-0805C ABRACON-AIAC-0805C Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-0805C-10N ABRACON-AIAC-0805C-10N Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-0805C-12N ABRACON-AIAC-0805C-12N Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-0805C-15N ABRACON-AIAC-0805C-15N Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-0805C-18N ABRACON-AIAC-0805C-18N Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
More results

Similar Description - AIAM-02-1R8K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAS-01 ABRACON-AIAS-01 Datasheet
119Kb / 4P
   THROUGH-HOLE MOLDED SHIELDED INDUCTORS
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
Token Electronics Indus...
TCALN0204 TOKEN-TCALN0204 Datasheet
428Kb / 11P
   TCAL Through Hole Fixed Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com