Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMB1206A121ETLF Datasheet(PDF) 1 Page - Bi technologies

Part # BMB1206A121ETLF
Description  Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BMB1206A121ETLF Datasheet(HTML) 1 Page - Bi technologies

  BMB1206A121ETLF Datasheet HTML 1Page - Bi technologies BMB1206A121ETLF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
76
• Operating Temperature Range
Standard:
-25°C to +85°C
Optional Extended Temperature Range:
-40°C to +125°C
• Resistance to Solder Heat
260°C for 10 sec.

Electrical / Environmental
Surface Mount Multilayer Chip Beads,
0402 - 1812 Industry Sizes
BMB0402A-600
60
0.35
300
10K
BMB0402A-121
120
0.40
300
10K
BMB0402A-301
300
0.80
200
10K
BMB0402A-601
600
1.00
200
10K
BMB0603A-100
10
0.05
600
4K
BMB0603A-300
30
0.08
600
4K
BMB0603A-400
40
0.10
600
4K
BMB0603A-600
60
0.10
600
4K
BMB0603A-680
68
0.10
600
4K
BMB0603A-800
80
0.10
400
4K
BMB0603A-121
120
0.15
400
4K
BMB0603A-181
180
0.30
300
4K
BMB0603A-221
220
0.30
300
4K
BMB0603A-301
300
0.35
300
4K
BMB0603A-451
450
0.40
300
4K
BMB0603A-601
600
0.45
200
4K
BMB0603A-751
750
0.60
100
4K
BMB0603A-102
1000
0.60
100
4K
BMB0805A-070
7
0.05
600
4K
BMB0805A-110
11
0.05
600
4K
BMB0805A-170
17
0.05
600
4K
BMB0805A-260
26
0.05
600
4K
BMB0805A-320
32
0.05
600
4K
BMB0805A-400
40
0.05
600
4K
BMB0805A-600
60
0.15
600
4K
BMB0805A-800
80
0.15
600
4K
BMB0805A-900
90
0.15
600
4K
BMB0805A-121
120
0.15
500
4K
BMB0805A-151
150
0.15
500
4K
BMB0805A-181
180
0.20
500
4K
BMB0805A-221
220
0.20
500
4K
BMB0805A-301
300
0.20
500
4K
BMB0805A-401
400
0.30
500
4K
BMB0805A-601
600
0.30
500
4K
BMB0805A-102
1000
0.35
300
4K
BMB0805A-152
1500
0.40
200
4K
BMB0805A-202
2000
0.50
200
4K
BMB0805A-222
2200
0.50
200
4K
BMB1206A-260
26
0.05
600
3K
BMB1206A-310
31
0.05
600
3K

50
0.08
600
3K
BMB1206A-600
60
0.08
600
3K
BMB1206A-700
70
0.10
600
3K
BMB1206A-900
90
0.15
500
3K
BMB1206A-121
120
0.15
500
3K
BMB1206A-151
150
0.15
500
3K
BMB1206A-201
200
0.20
500
3K
BMB1206A-501
500
0.25
500
3K
BMB1206A-601
600
0.30
500
3K
BMB1206A-801
800
0.30
200
3K
BMB1206A-102
1000
0.40
200
3K
BMB1206A-122
1200
0.40
200
3K
BMB1206A-152
1500 @ 50MHz 0.50
200
3K
BMB1206A-202
2000 @ 30MHz 0.50
200
3K
BMB1210A-310
31
0.30
400
2K
BMB1210A-600
60
0.30
400
2K
BMB1210A-900
90
0.30
400
2K
BMB1806A-800
80
0.10
400
2K
BMB1806A-101
100
0.20
300
2K
BMB1806A-151
150
0.30
200
2K
BMB1812A-700
70
0.40
200
1K
BMB1812A-121
120
0.40
200
1K
0402, 0603, 0805, 1206, 1210, 1806 & 1812 Electrical Characteristics - Standard Speed
Impedance
Rated
7” Reel
Part
Z
±25%
DCR
Current
Qty
Number
@ 100 MHz
Max
mA Max.
(Units)
Impedance
Rated
7” Reel
Part
Z
±25%
DCR
Current
Qty
Number
@ 100 MHz
Max
mA Max.
(Units)
RoHS
Compliant
for
‘LF’ Models
Specifications / Packaging


Similar Part No. - BMB1206A121ETLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB1206A-102 ETC1-BMB1206A-102 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB1206A-121 ETC1-BMB1206A-121 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB1206A-122 ETC1-BMB1206A-122 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB1206A-151 ETC1-BMB1206A-151 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB1206A-152 ETC1-BMB1206A-152 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
More results

Similar Description - BMB1206A121ETLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
logo
Bi technologies
BMB1812P1A121ETLF BITECH-BMB1812P1A121ETLF Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMC BITECH-BMC Datasheet
245Kb / 3P
   Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
Bi technologies
BCL45 BITECH-BCL45 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
Ohmite Mfg. Co.
RES-LVK OHMITE-RES-LVK Datasheet
422Kb / 3P
   Industry standard sizes
RES-FC4L OHMITE-RES-FC4L Datasheet
547Kb / 2P
   Industry standard sizes
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com