Selected language     English  ā–¼


TDA5149G Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. TDA5149G
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 8 page
background image
1996 May 06
8
Philips Semiconductors
Product speciļ¬cation
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
FUNCTIONAL DESCRIPTION
Spindle
The spindle section contains both the low and high side
pre-drivers for a three phase DC brushless motor.
The digital commutation control, using the timing
information provided via the serial port, is responsible for
the proper switch-on and switch-off of the external power
FETs. It is also responsible for selecting the correct BEMF
comparator.
For optimum power efficiency, a continuous PWM method
is used to control the average current from the power
supply to the motor coils. This PWM mode, by controlling
the average power supply current, produces a lower
torque ripple and thus lower audible noise. In order to
reduce further acoustic noise the TDA5149G is provided
with a soft switching circuit to turn-on and turn-off linearly
the switching current under PWM control. The switching
transition time is controlled by the digital commutation
circuit and is fixed to 50% of the time between two
zero-crossings, i.e. 30
Ā° of the electrical revolution.
Soft switching is achieved by activating, during
commutation, a free-running duty-cycle modulator
controlled by a linearly decreasing voltage across a
capacitor. This will reduce the current smoothly in the
off-going leg to zero. In conjunction with this additional
PWM open loop, the average current control regulates the
sum of the current in the off-going and on-going leg.
This method requires two PWM control loops; one to
control the average current (main loop) and one to control
the current in the off-going leg. The swapping of the two
loops is realized with a pair of analog switches that are
sequentially switched by the digital commutation circuitry.
The PWM control also causes PWM pulses on the back
EMF. These pulses disturb correct sensing of the back
EMF for the zero-crossing detection. Consequently,
edge-triggered latches are inserted behind the back EMF
comparators, thus ensuring reliable back EMF sensing.
In the SPINMODE, programmable via the serial bus, the
user can feed their own commutation pulses to the
pre-drivers and control the motor in the stepper-motor
mode. The commutation pulses are applied to the
TDA5149G via the serial bus by setting the COMMCLK bit
successively to logic 1 and logic 0.
The different control modes of the TDA5149G can be
commanded via the serial bus. These modes are as
follows:
ā€¢ Sleep mode: all analog circuits, except the power supply
monitor, are switched off to reduce the power
consumption of both the 12 and 5 V supplies.
ā€¢ Disable mode: the output voltage of all pre-drivers is
LOW thus the external power MOSFETs are not
conducting.
ā€¢ Brake mode: all low side pre-drivers are turned on
(output voltage HIGH) thus switching on the low-side
power MOSFETs. In this way the back EMF voltage of
the motor is short-circuited to ground.
Voice coil motor
The VCM is a linear, symmetrical, class AB, H-bridge type
power amplifier with all power devices on-chip. The driver
is a transconductance amplifier that controls the output
currents up to 1.65 A. The driver is constructed in a
master-slave configuration with the zero current level
internally adjusted in such a way that it corresponds to the
middle of the output swing. Moreover, the gain of the slave
has been made greater than 1 in order to ensure full
saturation of the driver output VCM+.
The gain of the closed loop is programmable, using the
VGAINSEL bit. This bit can be programmed via the serial
bus. A sense resistor (Rs) allows the measurement of the
VCM current. The voltage across this resistor is connected
to an accurate sense amplifier with a typical gain of 5.
The output of the sense amplifier (VCMSENSOUT) is fed back
to the input of the VCM amplifier. Because of the symmetry
of the circuit, the compensation network can be connected
between the VCM1 input and the VCM
āˆ’ output.
Control modes such as VCM-BRAKE, VCM-DISABLE and
VCM-PARK can be controlled via the serial bus.
Latch drivers
The TDA5149G provides the possibility of driving an
external latch to secure the VCM heads. There are two
modes; the activate mode (LACTIVE) and the hold mode
(LHOLD). The hold mode is used to preserve power.
Both modes are controlled via the serial bus. The drivers
are switched off during the SLEEP mode or in the event of
a power-down.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5147K12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl