Selected language     English  ā–¼


TDA5149 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA5149
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
1996 May 06
6
Philips Semiconductors
Product speciļ¬cation
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
Note
1. The 4 ground pins are tied to the lead frame for better heat dissipation.
VCMIN1
41
I
VCM control input voltage
VCMSENSEH
42
I
positive VCM sense ampliļ¬er input voltage
VCMSENSEL
43
I
negative VCM sense ampliļ¬er input voltage
VCM+
44
O
positive output voltage of the VCM power stage
H0
45
O
gate control of the isolating power FET
VCMref
46
I
reference voltage input for the VCM
BRAKEPOWER
47
I/O
reservoir capacitor for the brake/park circuitry
PGND2
48
āˆ’
power ground 2 for VCM DMOS; note 1
Vref(o)
49
O
reference voltage generator output
VCMSENSOUT
50
O
VCM sense ampliļ¬er output voltage
BRAKEDELAY
51
I/O
powerless brake delay adjustment
LATCHHOLD
52
O
latch hold output
LATCHACTIV
53
O
latch activate output
VDD
54
āˆ’
general supply voltage (+12 V)
VDDD
55
āˆ’
digital supply voltage (+5 V)
SCANTEST
56
I
test mode input
FG
57
O
commutation frequency generator output
CLOCK
58
I
clock for digital timing input
SDATA
59
I
serial port data input
SCLOCK
60
I
serial port clock input
SENABLE
61
I
serial port enable input
CAPX2
62
I/O
charge pump capacitor input/output
CAPX1
63
I/O
charge pump capacitor input/output
DGND
64
āˆ’
digital ground; note 1
SYMBOL
PIN
I/O
DESCRIPTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5147K12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl