Selected language     English  ā–¼


TDA5149 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA5149
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1996 May 06
11
Philips Semiconductors
Product speciļ¬cation
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
Table 1
Serial port registers
Table 2
REG # 0: address 000; DATA = | INIT | COMMCLK | SPINMODE | SDISABLE | SBRAKE |
Table 3
REG # 1: address 001; | not used | HARD_SW | LHOLD | LACTIVE | SLEEP |
Table 4
REG # 2: address 010; | not used | not used | VGAINSEL | VCM_CTRL_1 | VCM_CTRL_0 |
REGISTER
ADDRESSED
DATA4
DATA3
DATA2
DATA1
DATA0
Reg # 0
INIT
COMMCLCK
SPINMODE
SDISABLE
SBRAKE
Reg # 1
not used
HARD_SW
LHOLD
LACTIVATE
SLEEP
Reg # 2
not used
not used
VGAINSEL
VCM_CTRL_1
VCM_CTRL_0
Reg # 3
not used
not used
PRESCALER_2
PRESCALER_1
PRESCALER_0
Reg # 4
STARTUP_4
STARTUP_3
STARTUP_2
STARTUP_1
STARTUP_0
Reg # 5
WATCHDOG_4
WATCHDOG_3
WATCHDOG_2
WATCHDOG_1
WATCHDOG_0
Reg # 6
not used
not used
COMDELIM_2
COMDELIM_1
COMDELIM_0
Reg # 7
BLANK_4
BLANK_3
BLANK_2
BLANK_1
BLANK_0
DATA BIT
RESET
STATE
DESCRIPTION
INIT
1
initializes the three bits commutation shift register in state 1 (see Table 13)
COMMCLK
0
commutation clock in stepper mode (one commutation every LOW-to-HIGH transition)
SPINMODE
0
stepper/BEMF detection mode selection. SPINMODE = 1 means stepper motor mode
in hard-switching configuration
SDISABLE
1
logic 1 sets the pre-drivers outputs LOW so that the spindle motor coils are in the
high-impedance state
SBRAKE
0
logic 1 sets the lower pre-driver outputs HIGH and the upper pre-driver outputs LOW
so that the spindle motor coils are shorted to ground
DATA BIT
RESET
STATE
DESCRIPTION
HARD_SW
0
logic 1 disables the soft switching circuitry, which means PWM is applied on the lower
FETs only.This mode is also forced in stepper motor mode.
LHOLD
0
logic 1 turns on the hold current supplied by VDDD through the latch. It is ignored if
LACTIVE = 1
LACTIVE
0
logic 1 turns on the activate current supplied by VDD through the latch
SLEEP
0
logic 1 disables spindle, VCM and latch driver outputs. The whole analog circuitry is
turned off except the reference bandgap and the voltage monitors. The uncommitted
operational amplifier is also cut off.
DATA BIT
RESET
STATE
DESCRIPTION
VGAINSEL
1
logic 1 turns on the switch between VCMIN1 and VCMIN2, resulting in a higher gain for the
transconductance of the VCM closed loop
VCM_CTRL_1
1
see Table 5
VCM_CTRL_0
1
see Table 5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5147K12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl