Selected language     English  ▼


TDA5149 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA5149
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
1996 May 06
2
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
FEATURES
General features
• Single-chip voice coil motor driver and spindle motor
pre-driver
• Internal voltage reference generator
• Programming of timing parameters via the serial bus
• Control of sleep, brake and disable modes for both the
VCM and spindle via the serial bus
• Temperature monitor circuit
• General purpose uncommitted operational amplifier.
Voice coil motor driver
• On-board full-bridge power DMOS driver with low R
DSon
• Class AB linear amplifier with no dead zone
• Adjustable gain and bandwidth
• Retract circuit operating at power-down.
Spindle motor pre-driver
• Designed to drive external N-channel power MOSFETs
for brushless, sensorless DC motors
• Internal or external commutation control
• Digital commutation timing
• Average motor supply current control with Pulse Width
Modulation (PWM)
• Soft switching under PWM control
• Spindle brake after park at power-down.
APPLICATIONS
• 12 V high-performance hard disk drives.
GENERAL DESCRIPTION
The TDA5149G is a combination of a voice coil motor
driver and a spindle motor pre-driver, capable of operating
12 V high-performance hard disk drives.
The device integrates a spindle pre-driver that drives three
external N-channel power MOSFETs in order to drive a
three-phase brushless, sensorless DC motor in full wave
mode. In the normal mode, commutations are generated
from the internal Back EMF (BEMF) sensing circuitry.
Commutations, however, can also be generated from an
external source, thereby providing the possibility of driving
the motor in the stepper-motor mode.
The VCM driver is a linear transconductance amplifier
capable of handling currents up to 1.65 A. It allows
external adjustment of the gain and compensation.
The TDA5149G also contains two drivers for a latch that
secures the heads in the event of power-down.
To control functions such as park, brake, sleep or disable
and to program the different timing parameters, the
TDA5149G is provided with a three-wire serial port. A high
precision voltage monitor is also included, for both
5 and 12 V power supplies. Finally, the IC contains a
temperature monitor circuit and an uncommitted
operational amplifier connected to VDD, which can be used
freely within the application. The device is contained in a
LQFP64 package with 4 pins connected to the lead frame
for improved heat dissipation.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
general supply voltage (pin 54)
10.8
12.0
13.2
V
VDDD
digital supply voltage (pin 55)
4.5
5.0
5.5
V
VDDA1
analog supply voltage (pin 27)
4.5
5.0
5.5
V
IoVCM
voice coil motor output current
1.65
A
RDSon
VCM power DMOS total on-resistance
(including leads and bond wires)
Tj = 25 °C
0.65
Tj = 125 °C
1.1
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5149G
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5147CH12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
TDA5147K12 V Voice Coil Motor VCM driver and spindle motor drive combination chip 1 2 3 4 5 MoreNXP Semiconductors
FAN8621B12V Spindle Motor and Voice Coil Motor Driver IC 1 2 3 4 5 MoreFairchild Semiconductor
FAN8620B12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
KA2811C12V Spindle Motor and Voice Coil Motor Driver 1 2 3 4 5 MoreFairchild Semiconductor
TLS2205VOICE - COIL MOTOR DRIVER SPINDLE - MOTOR DRIVER AND VOLTAGE MONITOR 1 2 3 4 5 MoreTexas Instruments
L7207Dual mode disk drive spindle and VCM motor driver 1 2 3 STMicroelectronics
HA13556AFCombination of Spindle and VCM Driver designed for HDD and have Following Functions and Features 1 2 3 4 5 MoreHitachi Semiconductor
M63010FPSPINDLE MOTOR AND 4CH ACTUATOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl