Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5149 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA5149
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5149 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA5149 Datasheet HTML 1Page - NXP Semiconductors TDA5149 Datasheet HTML 2Page - NXP Semiconductors TDA5149 Datasheet HTML 3Page - NXP Semiconductors TDA5149 Datasheet HTML 4Page - NXP Semiconductors TDA5149 Datasheet HTML 5Page - NXP Semiconductors TDA5149 Datasheet HTML 6Page - NXP Semiconductors TDA5149 Datasheet HTML 7Page - NXP Semiconductors TDA5149 Datasheet HTML 8Page - NXP Semiconductors TDA5149 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1996 May 06
4
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
Fig.2 Block diagram of the VCM and RESET circuits.
handbook, full pagewidth
MGE656
M
FOLLOWER
FOLLOWER
PREAMP
PREAMP
PARK
CIRCUITRY
SENSE
BUFFER
REFERENCE
CURRENT
GENERATOR
REFERENCE
VOLTAGE
GENERATOR
LATCH
CIRCUITRY
LACTIVE
LHOLD
from the
serial port
TEMPERATURE
SENSOR
POWER-
ON RESET
GENERATOR
OPAMP
to the
PARK
circuit
COMP
COMP
+5 V
+12 V
+12 v
from the
serial port
from the
POR circuit
Ccomp R
comp
VCMIN2
VCMIN1
Rfb
VCMSENSOUT
VCMref
Vref(o)
Iref
POR12ADJ
POR5ADJ
VCM_CONT1
VCM_CONT2
AMPIN
AMPIN
+
AMPOUT
CLAMP
PGND1
VDDV
VCM+
VCM−
PGND2
VCMSENSEL
VCMSENSEH
latch
LATCHACTIV
LATCHHOLD
TEMPMON
RESETP
RESETA
PORDELAY
26
35
34
37
52
53
42
48
43
44
39
36
32
38
33
31
30
40
41
50
46
49
17
29
28
100 nF
R8
from the
spindel
27
100 nF
27
Rin2
Rin1
VCM
input
VCM
reference
input
TDA5149G
disable
park
brake
VGAINSEL
VCMref
R
R
*
20 k
23 k
50 k
10 k
10 k
50 k
+
+
+
+
+
+
+5 V
+12 V


Similar Part No. - TDA5149

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5149

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com