Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5153 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA5153
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5153 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA5153 Datasheet HTML 11Page - NXP Semiconductors TDA5153 Datasheet HTML 12Page - NXP Semiconductors TDA5153 Datasheet HTML 13Page - NXP Semiconductors TDA5153 Datasheet HTML 14Page - NXP Semiconductors TDA5153 Datasheet HTML 15Page - NXP Semiconductors TDA5153 Datasheet HTML 16Page - NXP Semiconductors TDA5153 Datasheet HTML 17Page - NXP Semiconductors TDA5153 Datasheet HTML 18Page - NXP Semiconductors TDA5153 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1997 Jul 02
15
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5153
Notes
1. Not used bits in the registers (indicated by X) are don’t care. Default data, initialized at power-up, is zero in all
registers. For VCC < 2.5 V, the register contents are not guaranteed.
2. Vth programming uses both test mode register and compensation capacitor register. d0 in the formula above is the
LSB of the test mode register and b2 is the data bit d2 of the compensation register.
00110010
MR current DAC register:
01000010
write current DAC register:
01010010
servo write register:
(d0, d1) = (0, 0) = one head
(d0, d1) = (1, 1) = all heads
01100010
test mode register:
(d2,d1,d0) = (0,0,0) = not in test mode
(d2,d1,d0) = (0,0,1) = read head test (IMR1 =IMR2)
(d2,d1,d0) = (0,1,0) = read head test (IMR2 = 5 mA fixed)
(d2,d1,d0) = (0,1,1) = temperature monitor
(d2,d1,d0) = (1, X, d0) = thermal asperity detection
, see note 2
01110010
compensation capacitor register:
equivalent differential capacitance:
10000010
high frequency gain attenuator register:
nominal pole frequency:
10010010
high-frequency gain boost register:
nominal zero frequency:
10100010
settle time register:
settle time:
11110011
chip ID register:
, d3 to d0 are preset to (0, 0, 1, 1)
a7
a6
a5
a4
0011
when a0 = 1, data from the register with address a7 to a4 is read out on
SDATA
A7 A6 A5 A4 A3 A2 A1 A0
DESCRIPTION
I
MR
0.5
10 k
R
ext
----------------


×
10
16 d4
8d3
4d2
2d1
1d0
++
+
+
+
() mA
×
=
I
WR
10 k
R
ext
----------------


20
16 d4
8d3
4d2
2d1
1d0
+
+
+++
() mA
×
=
V
th
210
560 d0
280 b2
++
() µV
=
4d2
2d1
1d0
++
() 2pF
×
800 MHz
8d3
4d2
2d1
1d0
+++
-------------------------------------------------------------------------------
800 MHz
8d3
4d2
2d1
1d0
+++
-------------------------------------------------------------------------------
t
st
2
1
4d2
2d1
1d0
1
+++
()
--------------------------------------------------------------------------
µs
+
=
ID
8 d3
4d2
2d1
1d0
+++
=


Similar Part No. - TDA5153

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5150 INFINEON-TDA5150 Datasheet
3Mb / 106P
   On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options
V1.0 July 2009
logo
NXP Semiconductors
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
TDA5155X PHILIPS-TDA5155X Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
More results

Similar Description - TDA5153

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
TDA5360 PHILIPS-TDA5360 Datasheet
198Kb / 34P
   Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
1998 Jul 30
logo
Sony Corporation
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com