Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGE2687-1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SGE2687-1G
Description  4W LMT2110 80.0:1 Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SGE2687-1G Datasheet(HTML) 1 Page - Microsemi Corporation

  SGE2687-1G Datasheet HTML 1Page - Microsemi Corporation SGE2687-1G Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification Number
SGE2687-1G
Revision. A (090605)
4W LMT2110 80.0:1 Transformer
TM
®
Microsemi
DESCRIPTION
This document describes and specifies the electrical and mechanical characteristics of the SGE2687-1G high voltage transformer for CCFL inverter power
supplies. SGE2687-1G is the RoHS compliant and Lead free transformer. For Reliability and Safety Specification, refer to SGE2606-3.
ELECTRICAL CHA RACTERISTICS
Inductance (@ 10Khz, 0.1V)
DC. Resistance
Items
Min
Nom
Max
Items
Min
Nom
Max
L2-3, L3-4 (µH)
40
51.5
59.5
RDC2-3, RDC3-4(mΩ)
100
111
125
L6-7 (mH)
1024
1213
1396
RDC6-7 (Ω)
350
361
390
Inductance (@ 100KHz, 1V)
RDC2-3 / RDC3-4
0.96
1
1.04
LLKG2-3, LLKG3-4 (µH)
2.5
2.9
3.7
Secondary Self Capacitance
( HP4192A 1MHz C meter, 30mVrms)
LLKG6-7 (mH)
NA
NA
NA
C6-7 (pF)
2.0
2.5
3.5
Rating
Note: Max output power varies depend on operating condition.
Dielectric Voltage Withstand
60Hz, Arc-detect enabled, 5 sec. min. 200µA max. leakage current
Max Open Output Voltage
1500VRMS , 3sec.
Secondary to Core
2000VRMS min. ( 60sec)
Max Output Voltage
1000VRMS
Primary to Core
1000VRMS min.
Max Output Power
4W
Primary to Secondary
1000VRMS min.
W I NDING SPECIF ICATIONS
Primary
Secondary
Pin 2 – 3
Pin 3 – 4
Pin 6 – 7
Winding Sequence
2S – 3F
3S – 4F
6S – 7F
Wire Size & Type
#33, Single Insulation, 180°C
#33, Single Insulation, 180°C
#46, Triple Insulation, 180°C
Number of Turns
10
10
1600
Winding Method
Bifilar
PHY S ICAL SPEC IFICAT IONS & WIRING DIAGRAM
PART MARKING
SGE
- G XYZD A –
SGE2687-1G: MSC PN, XYZ: Datecode (X:YR, YZ=WK), D: Plant Code, A: Rev.#
PACKAGING SPEC AND ORDER INFORMATION
Packaging Order Information –
SGE2687-1G ( Standard for TRAY)
SGE2687-1GTR (Tape and Reel )
TAPE & REEL :
Refer to SGE2604-3 specification
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2004
Rev. A, 2005-09-06


Similar Part No. - SGE2687-1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2681-1G MICROSEMI-SGE2681-1G Datasheet
174Kb / 2P
   4W LMT2110 36.4:1 Transformer
SGE2681-1GTR MICROSEMI-SGE2681-1GTR Datasheet
174Kb / 2P
   4W LMT2110 36.4:1 Transformer
SGE2682-1G MICROSEMI-SGE2682-1G Datasheet
342Kb / 2P
   4W LMT2110 32.0:1 Transformer
SGE2682-1GTR MICROSEMI-SGE2682-1GTR Datasheet
342Kb / 2P
   4W LMT2110 32.0:1 Transformer
SGE2684-1G MICROSEMI-SGE2684-1G Datasheet
193Kb / 2P
   6W LMT3811 60.7:1 Transformer
More results

Similar Description - SGE2687-1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2686-1G MICROSEMI-SGE2686-1G Datasheet
342Kb / 2P
   4W LMT2110 50.0:1 Transformer
SGE2658-1G MICROSEMI-SGE2658-1G Datasheet
174Kb / 2P
   4W LMT2110 25.8:1 Transformer
SGE2688-1G MICROSEMI-SGE2688-1G Datasheet
342Kb / 2P
   4W LMT2110 61.5:1 Transformer
SGE2681-1G MICROSEMI-SGE2681-1G Datasheet
174Kb / 2P
   4W LMT2110 36.4:1 Transformer
SGE2682-1G MICROSEMI-SGE2682-1G Datasheet
342Kb / 2P
   4W LMT2110 32.0:1 Transformer
SGE2689-1G MICROSEMI-SGE2689-1G Datasheet
342Kb / 2P
   4W LMT2110 42.1:1 Transformer
SGE2668-1G MICROSEMI-SGE2668-1G Datasheet
216Kb / 2P
   2.4W 80.0:1 Transformer
SGE2690-1G MICROSEMI-SGE2690-1G Datasheet
182Kb / 2P
   2.4W LMT2608 80.0:1 Transformer
logo
SparkFun Electronics
ROB-12278 SPARKFUN-ROB-12278 Datasheet
91Kb / 1P
   Rubber Ring - 5.65ID x 1/4W
2/12/2016
logo
Integrated Technology F...
240501B ITF-240501B Datasheet
171Kb / 2P
   80.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com