Electronic Components Datasheet Search
Selected language     English  ▼


TDA5153X Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA5153X
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
1997 Jul 02
2
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5153
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
QUICK REFERENCE DATA
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Read mode
8.2
Write mode
8.3
Sleep mode
8.4
Standby mode
8.5
Active mode
8.6
Bi-directional serial interface
8.7
Addressing
8.8
Programming data
8.9
Reading data
8.10
Operation of the serial interface
8.10.1
Configuration
8.10.2
Power control
8.10.3
Head select
8.10.4
Servo write
8.10.5
Test
8.10.5.1
MR head test
8.10.5.2
Temperature monitor
8.10.5.3
Thermal asperity detector
8.10.6
Write amplifier programmable capacitors
8.10.7
High frequency gain attenuator pole register
8.10.8
High frequency gain boost register
8.10.9
Settle pulse
8.10.10
Address registers
8.11
Head unsafe
8.12
HUS survey
9
LIMITING VALUES
10
HANDLING
11
THERMAL RESISTANCE
12
RECOMMENDED OPERATION
CONDITIONS
13
CHARACTERISTICS
14
PACKAGE OUTLINE
15
SOLDERING
16
DEFINITION
17
LIFE SUPPORT APPLICATIONS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5155Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads 1 2 3 4 5 MoreNXP Semiconductors
TDA5360Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads 1 2 3 4 5 MoreNXP Semiconductors
CXA1829N8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3238TN6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3510N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3541N2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
STI5514Set-top box decoder with hard disk drive capability
for digital TV digital set-top box or cable box
1 2 STMicroelectronics
CXA1940N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl