Selected language     English  ▼


TDA5155 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA5155
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
1997 Apr 08
3
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5155
1
FEATURES
• Designed for 10 dual-stripe MR-read/inductive write
heads
• Current bias-current sense architecture
• Single supply voltage (5.0 V ±10%); a separate write
drivers supply pin can be biased from VCC to 8 V +10%
• MR elements connected to ground (GND)
• Equal bias currents in the two MR stripes of each head
• On-chip AC couplings eliminate MR head DC offset
• 3-wire serial interface for programming
• Programmable voltage/current mode write data input
• Programmable high frequency zero-pole gain boost
• Programmable write driver compensation capacitance
• Programmable MR bias currents and write currents
• 1-bit programmable read gain
• Sleep, standby, active and test modes available
• Measurement of head resistances in test mode
• In test mode, one MR bias current may be forced to a
minimum current
• Short write current rise and fall times with near
rail-to-rail voltage swing
• Head unsafe pin for signalling of abnormal conditions
and behaviour
• Low supply voltage write current inhibit (active or
inactive)
• Support servo writing
• Provide temperature monitor
• Thermal asperity detection with programmable
threshold level
• Requires only one external resistor.
2
APPLICATIONS
• Hard Disk Drive (HDD).
3
GENERAL DESCRIPTION
The 5.0 V pre-amplifier for HDD applications has been
designed for five terminal, dual-stripe
Magneto-Resistive (MR)-read/inductive write heads.
The disks of the disk drive are connected to ground.
To avoid voltage breakthrough between the heads and the
disk, the MR elements of the heads are also connected to
ground. The symmetry of the dual-stripe head-amplifier
combination automatically distinguishes between the
differential signals such as signals and the common-mode
effects like interference. The latter are rejected by the
amplifier.
The device incorporates read amplifiers, write amplifiers, a
serial interface, digital-to-analog converters, reference and
control circuits which all operate on a single supply voltage
of 5 V
±10%. The output drivers have a separate supply
voltage pin which can be connected to a higher supply
voltage of up to 8 V +10%. The complementary output
stages of the write amplifier allow writing with near
rail-to-rail peak voltages across the inductive write head.
The read amplifier has low input impedance. The DC offset
between the two stripes of the MR head is eliminated using
on-chip AC coupling. Fast settling features are used to
keep the transients short. As an option, the read amplifier
may be left biased during writing so as to reduce the
duration of these transients even further. Series
inductance in the leads between the amplifier and
MR heads influences the bandwidth which can be
compensated by using a programmable high frequency
gain boost (HF zero). HF noise and bandwidth can be
attenuated using a programmable high frequency gain
attenuator (HF pole).
On-chip digital-to-analog converters for MR bias currents
and write currents are programmed via a 3-wire serial
interface. Head selection, mode control, testing and servo
writing can also be programmed using the serial interface.
In sleep mode the CMOS serial interface is operational.
Fig.1 shows the block diagram of the device.
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5155X
naked die




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5153Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads 1 2 3 4 5 MoreNXP Semiconductors
TDA5360Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads 1 2 3 4 5 MoreNXP Semiconductors
CXA1829N8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3238TN6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3510N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3541N2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
STI5514Set-top box decoder with hard disk drive capability
for digital TV digital set-top box or cable box
1 2 STMicroelectronics
CXA1940N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl