Selected language     English  ▼


TDA5155 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA5155
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
1997 Apr 08
4
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5155
5
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.5
5.0
5.5
V
VCC(WD)
supply voltage for write drivers
VCC
8.0
8.8
V
Gv(dif)
differential voltage gain
from head inputs to RDx, RDy;
RMR =28 Ω; IMR =10mA
data bit d4 = 0
160
data bit d4 = 1
226
B−3dB
−3 dB frequency bandwidth
upper bandwidth without gain
boost (4 nH lead inductance)
220
MHz
F
noise figure
RMR =28 Ω; IMR =10mA;
Tamb =25 °C; f = 20 MHz
3.0
3.2
dB
Virn
input referred noise voltage
RMR =28 Ω; IMR =10mA;
Tamb =25 °C; f = 20 MHz
0.9
1.0
nV/
√Hz
CMRR
common mode rejection ratio
RMR mismatch <5%
IMR =10mA
f < 1 MHz
45
dB
f < 100 MHz
25
dB
PSRR
power supply rejection ratio
(input referred) RMR mismatch <5%
IMR =10mA
f < 1 MHz
80
dB
f < 100 MHz
50
dB
tr, tf
write current rise/fall time
(10% to 90%)
Lh = 150 nH; Rh =10 Ω;
IWR = 35 mA; f = 20 MHz
VCC(WD) = 8.0 V
−−
1.8
ns
VCC(WD) = 6.5 V
−−
2.1
ns
IMR(PR)
programming MR bias current
range
Rext =10kΩ
5
20.5
mA
IWR(b-p)
programming write current range
(base-to-peak)
Rext =10kΩ
20
51
mA
fSCLK
serial interface clock rate
−−
25
MHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5153Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads 1 2 3 4 5 MoreNXP Semiconductors
TDA5360Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads 1 2 3 4 5 MoreNXP Semiconductors
CXA1829N8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3238TN6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3510N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3541N2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
STI5514Set-top box decoder with hard disk drive capability
for digital TV digital set-top box or cable box
1 2 STMicroelectronics
CXA1940N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl